Electronic Components Datasheet Search
  English  ▼

X  

NG80960JD Datasheet(PDF) 27 Page - Intel Corporation

Part # NG80960JD
Description  3.3 V EMBEDDED 32-BIT MICROPROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JD Datasheet(HTML) 27 Page - Intel Corporation

Back Button NG80960JD Datasheet HTML 23Page - Intel Corporation NG80960JD Datasheet HTML 24Page - Intel Corporation NG80960JD Datasheet HTML 25Page - Intel Corporation NG80960JD Datasheet HTML 26Page - Intel Corporation NG80960JD Datasheet HTML 27Page - Intel Corporation NG80960JD Datasheet HTML 28Page - Intel Corporation NG80960JD Datasheet HTML 29Page - Intel Corporation NG80960JD Datasheet HTML 30Page - Intel Corporation NG80960JD Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
80960JD
PRODUCT PREVIEW
21
3.3
Thermal Management Accessories
The following is a list of suggested sources for 80960JD thermal solutions. This is neither an endorsement or a
warranty of the performance of any of the listed products and/or companies.
Heatsinks
1. Thermalloy, Inc.
2021 West Valley View Lane
Dallas, TX 75234-8993
(214) 243-4321 FAX: (214) 241-4656
2. Wakefield Engineering
60 Audubon Road
Wakefield, MA 01880
(617) 245-5900
3. Aavid Thermal Technologies, Inc.
One Kool Path
Laconia, NH 03247-0400
(603) 528-3400
Table 12. Maximum TA at Various Airflows in °C
Airflow-ft/min (m/sec)
fCLKIN (MHz)
0
(0)
200
(1.01)
400
(2.03)
600
(3.04)
800
(4.06)
1000
(5.07)
PQFP
Package
TA without Heatsink
66
50
40
61
70
77
73
79
84
76
82
86
81
86
89
85
88
91
86
90
92
PGA
Package
TA without Heatsink
66
50
40
58
68
75
68
75
81
76
82
86
80
84
88
81
86
89
83
87
90
TA with Omni Heatsink
1
66
50
40
75
81
85
85
88
91
90
92
94
92
94
95
93
95
96
93
95
96
TA with Uni-directional
Heatsink2
66
50
40
73
79
84
86
90
92
90
92
94
92
94
95
93
95
96
93
95
96
1. 0.248” high omnidirectional heatsink (AI alloy 6061, 41mil fin width, 124 mil center-to-center fin spacing)
2. 0.250” high unidirectional heatsink (AI alloy 6061, 50 mil fin width, 146 mil center-to-center fin spacing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com