Electronic Components Datasheet Search
  English  ▼

X  

NG80960JD Datasheet(PDF) 31 Page - Intel Corporation

Part # NG80960JD
Description  3.3 V EMBEDDED 32-BIT MICROPROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JD Datasheet(HTML) 31 Page - Intel Corporation

Back Button NG80960JD Datasheet HTML 27Page - Intel Corporation NG80960JD Datasheet HTML 28Page - Intel Corporation NG80960JD Datasheet HTML 29Page - Intel Corporation NG80960JD Datasheet HTML 30Page - Intel Corporation NG80960JD Datasheet HTML 31Page - Intel Corporation NG80960JD Datasheet HTML 32Page - Intel Corporation NG80960JD Datasheet HTML 33Page - Intel Corporation NG80960JD Datasheet HTML 34Page - Intel Corporation NG80960JD Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 59 page
background image
80960JD
PRODUCT PREVIEW
25
Table 15. 80960JD ICC Characteristics
Symbol
Parameter
Typ
Max
Units
Notes
ILI1
Input Leakage Current for
each pin except TCK, TDI,
TRST
and TMS
± 1
µA0 ≤ V
IN ≤ VCC
ILI2
Input Leakage Current for
TCK, TDI, TRST and TMS
-140
-250
µAV
IN = 0.45V (1)
ILO
Output Leakage Current
± 1
µA0.4 ≤ V
OUT ≤ VCC
Rpu
Internal Pull-UP
Resistance for ONCE,
TMS, TDI and TRST
20
30
k
Ω
ICC Active
(Power Supply)
80960JD-66
80960JD-50
80960JD-40
790
600
500
mA
(2,3)
(2,3)
(2,3)
ICC Active
(Thermal)
80960JD-66
80960JD-50
80960JD-40
720
540
435
mA
(2,4)
(2,4)
(2,4)
ICC Test
(Power modes)
Reset mode
80960JD-66
80960JD-50
80960JD-40
Halt mode
80960JD-66
80960JD-50
80960JD-40
ONCE mode
703
535
430
61
49
41
10
mA
(5)
(5)
(5)
(5)
(5)
(5)
(5)
ICC 5 Current on the
VCC5 Pin
80960JD-66
80960JD-50
80960JD-40
200
200
200
µA
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com