Electronic Components Datasheet Search
  English  ▼

X  

NG80960JD Datasheet(PDF) 36 Page - Intel Corporation

Part # NG80960JD
Description  3.3 V EMBEDDED 32-BIT MICROPROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JD Datasheet(HTML) 36 Page - Intel Corporation

Back Button NG80960JD Datasheet HTML 32Page - Intel Corporation NG80960JD Datasheet HTML 33Page - Intel Corporation NG80960JD Datasheet HTML 34Page - Intel Corporation NG80960JD Datasheet HTML 35Page - Intel Corporation NG80960JD Datasheet HTML 36Page - Intel Corporation NG80960JD Datasheet HTML 37Page - Intel Corporation NG80960JD Datasheet HTML 38Page - Intel Corporation NG80960JD Datasheet HTML 39Page - Intel Corporation NG80960JD Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 59 page
background image
80960JD
30
PRODUCT PREVIEW
4.7.2
AC Timing Waveforms
Figure 10. CLKIN Waveform
Figure 11. Output Delay Waveform for TOV1
2.0V
1.5V
0.8V
TCF
TCH
TCL
TC
TCR
CLKIN
AD31:0,
ALE (active),
ALE (active),
ADS, A3:2,
BE3:0,
WIDTH/HLTD1:0,
D/C, W/R, DEN,
BLAST, LOCK,
HOLDA, BSTAT, FAIL
1.5V
1.5V
1.5V
TOV1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com