Electronic Components Datasheet Search
  English  ▼

X  

NG80960JD Datasheet(PDF) 28 Page - Intel Corporation

Part # NG80960JD
Description  3.3 V EMBEDDED 32-BIT MICROPROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JD Datasheet(HTML) 28 Page - Intel Corporation

Back Button NG80960JD Datasheet HTML 24Page - Intel Corporation NG80960JD Datasheet HTML 25Page - Intel Corporation NG80960JD Datasheet HTML 26Page - Intel Corporation NG80960JD Datasheet HTML 27Page - Intel Corporation NG80960JD Datasheet HTML 28Page - Intel Corporation NG80960JD Datasheet HTML 29Page - Intel Corporation NG80960JD Datasheet HTML 30Page - Intel Corporation NG80960JD Datasheet HTML 31Page - Intel Corporation NG80960JD Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
80960JD
22
PRODUCT PREVIEW
4.0
ELECTRICAL SPECIFICATIONS
4.1
Absolute Maximum Ratings
Parameter
Maximum Rating
Storage Temperature
–65oC to +150oC
Case Temperature Under Bias
–65oC to +110oC
Supply Voltage wrt.
VSS
–0.5 V to + 4.6 V
Voltage on
VCC5 wrt. VSS
–0.5 V to + 6.5 V
Voltage on Other Pins wrt.
VSS
–0.5 V to VCC + 0.5 V
NOTICE: This document contains information on
products in the design phase of development. Do
not finalize a design with this information. Revised
information will be published when the product
becomes available. Verify with your local Intel
sales office that you have the latest datasheet
before finalizing a design.
WARNING: Stressing the device beyond the
“Absolute Maximum Ratings” may cause perma-
nent damage. These are stress ratings only. Oper-
ation beyond the “Operating Conditions” is not
recommended and extended exposure beyond the
“Operating Conditions” may affect device reli-
ability.
4.2
Operating Conditions
Table 13. 80960JD Operating Conditions
Symbol
Parameter
Min
Max
Units
Notes
VCC
Supply Voltage
3.15
3.45
V
VCC5
Input Protection Bias
3.15
5.5
V
(1)
fCLKIN
Input Clock Frequency
80960JD-66
80960JD-50
80960JD-40
12
12
12
33.3
25
20
MHz
TC
Operating Case Temperature (PGA
and PQFP)
0100
°C
NOTES:
1. See Section 4.4, VCC5 Pin Requirements (VDIFF) (pg. 23)
4.3
Connection Recommendations
For clean on-chip power distribution, VCC and VSS
pins separately feed the device’s functional units.
Power and ground connections must be made to all
80960JD power and ground pins. On the circuit
board, every VCC pin should connect to a power
plane and every VSS pin should connect to a ground
plane. Place liberal decoupling capacitance near the
80960JD, since the processor can cause transient
power surges.
Pay special attention to the Test Reset (TRST) pin. It
is essential that the JTAG Boundary Scan Test
Access Port (TAP) controller initializes to a known
state whether it will be used or not. If the JTAG
Boundary Scan function will be used, connect a
pulldown resistor between the TRST pin and VSS. If
the JTAG Boundary Scan function will not be used
(even for board-level testing), connect the TRST pin
to VSS. Also, do not connect the TDI, TDO, and TCK
pins if the TAP Controller will not be used.
Pins identified as NC must not be connected in
the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com