Electronic Components Datasheet Search
  English  ▼

X  

NG80960JD Datasheet(PDF) 32 Page - Intel Corporation

Part # NG80960JD
Description  3.3 V EMBEDDED 32-BIT MICROPROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JD Datasheet(HTML) 32 Page - Intel Corporation

Back Button NG80960JD Datasheet HTML 28Page - Intel Corporation NG80960JD Datasheet HTML 29Page - Intel Corporation NG80960JD Datasheet HTML 30Page - Intel Corporation NG80960JD Datasheet HTML 31Page - Intel Corporation NG80960JD Datasheet HTML 32Page - Intel Corporation NG80960JD Datasheet HTML 33Page - Intel Corporation NG80960JD Datasheet HTML 34Page - Intel Corporation NG80960JD Datasheet HTML 35Page - Intel Corporation NG80960JD Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
80960JD
26
PRODUCT PREVIEW
4.7
AC Specifications
The 80960JD AC timings are based upon device characterization.
Table 16. 80960JD AC Characteristics (Sheet 1 of 2)
Symbol
Parameter
Min
Max
Units
Notes
INPUT CLOCK TIMINGS
TF
CLKIN Frequency
80960JD-66
80960JD-50
80960JD-40
12
12
12
33.3
25
20
MHz
Tc
CLKIN Period
80960JD-66
80960JD-50
80960JD-40
30
40
12
83.3
83.3
83.3
ns
TCS
CLKIN Period Stability
± 250
ps
(1, 2)
TCH
CLKIN High Time
8
ns
Measured at 1.5 V (1)
TCL
CLKIN Low Time
8
ns
Measured at 1.5 V (1)
TCR
CLKIN Rise Time
4
ns
0.8 V to 2.0 V (1)
TCF
CLKIN Fall Time
4
ns
2.0 V to 0.8 V (1)
SYNCHRONOUS OUTPUT TIMINGS
TOV1
Output Valid Delay, Except ALE/ALE
Inactive and DT/R for 3.3V input sig-
nals.
Same as above, but for 5.5V input
signals.
2.5
2.5
13.5
16.5
ns
(3)
TOV2
Output Valid Delay, DT/R
0.5TC + 7
0.5TC +
9
ns
TOF
Output Float Delay
2.5
13.5
ns
(4)
SYNCHRONOUS INPUT TIMINGS
TIS1
Input Setup to CLKIN — AD31:0,
NMI
, XINT7:0
6ns
(5)
TIH1
Input Hold from CLKIN — AD31:0,
NMI
, XINT7:0
1.5
ns
(5)
TIS2
Input Setup to CLKIN — RDYRCV
and HOLD
6.5
ns
(6)
TIH2
Input Hold from CLKIN — RDYRCV
and HOLD
1ns
(6)
TIS3
Input Setup to CLKIN — RESET
7ns
(7)
TIH3
Input Hold from CLKIN — RESET
2ns
(7)
TIS4
Input Setup to RESET — ONCE,
STEST
7ns
(8)
TIH4
Input Hold from RESET — ONCE,
STEST
2ns
(8)
NOTES:
See Table 17 on page 28 for note definitions for this table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com