Electronic Components Datasheet Search
  English  ▼

X  

NG80960JD Datasheet(PDF) 35 Page - Intel Corporation

Part # NG80960JD
Description  3.3 V EMBEDDED 32-BIT MICROPROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JD Datasheet(HTML) 35 Page - Intel Corporation

Back Button NG80960JD Datasheet HTML 31Page - Intel Corporation NG80960JD Datasheet HTML 32Page - Intel Corporation NG80960JD Datasheet HTML 33Page - Intel Corporation NG80960JD Datasheet HTML 34Page - Intel Corporation NG80960JD Datasheet HTML 35Page - Intel Corporation NG80960JD Datasheet HTML 36Page - Intel Corporation NG80960JD Datasheet HTML 37Page - Intel Corporation NG80960JD Datasheet HTML 38Page - Intel Corporation NG80960JD Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
PRODUCT PREVIEW
29
80960JD
4.7.1
AC Test Conditions and Derating Curves
The AC Specifications in Section 4.7, AC Specifi-
cations are tested with the 50 pF load indicated in
Figure 8. Figure 9 shows how timings vary with load
capacitance; Figure 11 shows how output rise and
fall times vary with load capacitance.
Figure 8. AC Test Load
Output Pin
CL = 50 pF for all signals
CL
Figure 9. Output Delay or Hold vs. Load Capacitance
AC timings vs. load Cap
nom + 0
nom + 5
nom + 10
nom + 15
nom + 20
nom + 25
50
100
150
200
250
300
CL (pF)
Rising
Falling
CL (pF)
Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com