Electronic Components Datasheet Search
  English  ▼

X  

NG80960JD Datasheet(PDF) 29 Page - Intel Corporation

Part # NG80960JD
Description  3.3 V EMBEDDED 32-BIT MICROPROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JD Datasheet(HTML) 29 Page - Intel Corporation

Back Button NG80960JD Datasheet HTML 25Page - Intel Corporation NG80960JD Datasheet HTML 26Page - Intel Corporation NG80960JD Datasheet HTML 27Page - Intel Corporation NG80960JD Datasheet HTML 28Page - Intel Corporation NG80960JD Datasheet HTML 29Page - Intel Corporation NG80960JD Datasheet HTML 30Page - Intel Corporation NG80960JD Datasheet HTML 31Page - Intel Corporation NG80960JD Datasheet HTML 32Page - Intel Corporation NG80960JD Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
80960JD
PRODUCT PREVIEW
23
4.4
VCC5 Pin Requirements (VDIFF)
In mixed voltage systems where the processor is
powered by 3.3 volts and interfaces with 5 volt
components, VCC5 must be connected to 5 volts.
This allows proper 5 volt tolerant buffer operation,
and prevents damage to the input pins. The voltage
differential between the 80960Jx VCC5 pin and its 3.3
volt VCC pins must not exceed 2.25 volts. If this
requirement is not met, current flow through the pin
may exceed the value at which the processor is
damaged. Instances when the voltage can exceed
2.25 volts is during power up or power down, where
one source reaches its level faster than the other,
briefly
causing
an
excess
voltage
differential.
Another instance is during steady-state operation,
where the differential voltage of the regulator
(provided a regulator is used) cannot be maintained
within 2.25 volts. Two methods are possible to
prevent this from happening:
• Use a regulator that is designed to prevent the
voltage differential from exceeding 2.25 volts, or,
As shown in Figure 6, place a 100
Ω resistor in series
with the VCC5 pin to limit the current through VCC5.
Figure 6. VCC5 Current-Limiting Resistor
• If the regulator cannot prevent the 2.25 volt differ-
ential, the addition of the resistor is a simple and
reliable method for limiting current. The resistor
can also prevent damage in the case of a power
failure, where the 5 volt supply remains on and the
3.3 volt supply goes to zero.
In 3.3 volt only systems where the 80960Jx input
pins are driven from 3.3 volt logic, connect the VCC5
pin directly to the 3.3 volt VCC plane.
+5 V (±0.25 V)
VCC5 Pin
100
Ω
(±5%, 0.5 W)
Symbol
Parameter
Min
Max
Units
Notes
VDIFF
VCC5-VCC
Difference
2.25
V
VCC5 input should not exceed VCC by more than 2.25 V
during power-up and power-down, or during steady-state
operation.
4.5
VCCPLL Pin Requirements
To reduce clock jitter on the i960 Jx processor, the
VCCPLL pin for the Phase Lock Loop (PLL) circuit is
isolated on the pinout. The lowpass filter, as shown
in Figure 7, reduces noise induced clock jitter and its
effects on timing relationships in system designs.
The 4.7 µF capacitor must be (low ESR solid
tantalum), the 0.01 µF capacitor must be of the type
X7R and the node connecting VCCPLL must be as
short as possible.
Figure 7. VCCPLL Lowpass Filter
100
VCC
(Board Plane)
VCCPLL
(On i960 Jx processors)
Ω (±5%, 1/8 W)
F_CA078A
0.01µF
4.7µF
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com