Electronic Components Datasheet Search
  English  ▼

X  

NG80960JD Datasheet(PDF) 25 Page - Intel Corporation

Part # NG80960JD
Description  3.3 V EMBEDDED 32-BIT MICROPROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JD Datasheet(HTML) 25 Page - Intel Corporation

Back Button NG80960JD Datasheet HTML 21Page - Intel Corporation NG80960JD Datasheet HTML 22Page - Intel Corporation NG80960JD Datasheet HTML 23Page - Intel Corporation NG80960JD Datasheet HTML 24Page - Intel Corporation NG80960JD Datasheet HTML 25Page - Intel Corporation NG80960JD Datasheet HTML 26Page - Intel Corporation NG80960JD Datasheet HTML 27Page - Intel Corporation NG80960JD Datasheet HTML 28Page - Intel Corporation NG80960JD Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 59 page
background image
PRODUCT PREVIEW
19
80960JD
3.2
Package Thermal Specifications
The 80960JD is specified for operation when TC
(case temperature) is within the range of 0°C to
100°C for both PGA and PQFP packages. Case
temperature may be measured in any environment
to determine whether the 80960JD is within its
specified operating range. The case temperature
should be measured at the center of the top surface,
opposite the pins.
θ
CA is the thermal resistance from case to ambient.
Use the following equation to calculate TA, the
maximum ambient temperature to conform to a
particular case temperature:
TA = TC - P (θCA)
Junction temperature (TJ) is commonly used in
reliability calculations. TJ can be calculated from θJC
(thermal resistance from junction to case) using the
following equation:
TJ = TC + P (θJC)
Similarly, if TA is known, the corresponding case
temperature (TC) can be calculated as follows:
TC = TA + P (θCA)
Compute P by multiplying ICC from Table 14 and
VCC. Values for θJC and θCA are given in Table 10
for the PGA package and Table 11 for the PQFP
package. For high speed operation, the processor’s
θ
JA
may be significantly reduced by adding a
heatsink and/or by increasing airflow.
Table 12 shows the maximum ambient temperature
(TA) permitted without exceeding TC for both PGA
and PQFP packages. The values are based on
typical ICC and VCC of +3.3 V, with a TCASE of
+100°C.
Table 10. 132-Lead PGA Package Thermal Characteristics
Thermal Resistance — °C/Watt
Parameter
Airflow — ft./min (m/sec)
0
(0)
200
(1.01)
400
(2.03)
600
(3.04)
800
(4.06)
1000
(5.08)
θ
JC (Junction-to-Case)
0.7
0.7
0.7
0.7
0.7
0.7
θ
CA (Case-to-Ambient) (No Heatsink)
25
19
14
12
11
10
θ
CA (Case-to-Ambient) (Omnidirectional Heatsink)
15
96544
θ
CA (Case-to-Ambient) (Unidirectional Heatsink)
16
86544
NOTES:
1. This table applies to a PGA device plugged into a socket or soldered directly into a board.
2.
θJA = θJC + θCA
3.
θ
J-CAP = 5.6°C/W (approx.) (no heatsink)
4.
θJ-PIN = 6.4°C/W (inner pins) (approx.) (no heatsink)
5.
θ
J-PIN = 6.2°C/W (outer pins) (approx.) (no heatsink)
6.
θ
J-CAP = 3°C/W (approx.) (with heatsink)
7.
θJ-PIN = 3.3°C/W (inner pins) (approx.) (with heatsink)
8.
θ
J-PIN = 3.3°C/W (outer pins) (approx.) (with heatsink)
θ
JC
θ
JA
θ
J-CAP
θ
CA
θ
J-PIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com