Electronic Components Datasheet Search
  English  ▼

X  

NG80960JD Datasheet(PDF) 47 Page - Intel Corporation

Part # NG80960JD
Description  3.3 V EMBEDDED 32-BIT MICROPROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JD Datasheet(HTML) 47 Page - Intel Corporation

Back Button NG80960JD Datasheet HTML 43Page - Intel Corporation NG80960JD Datasheet HTML 44Page - Intel Corporation NG80960JD Datasheet HTML 45Page - Intel Corporation NG80960JD Datasheet HTML 46Page - Intel Corporation NG80960JD Datasheet HTML 47Page - Intel Corporation NG80960JD Datasheet HTML 48Page - Intel Corporation NG80960JD Datasheet HTML 49Page - Intel Corporation NG80960JD Datasheet HTML 50Page - Intel Corporation NG80960JD Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 59 page
background image
80960JD
PRODUCT PREVIEW
41
Figure 28. Burst Read and Write Transactions With 1, 0 Wait States
and Extra Tr State on Read, 16-Bit Bus
ADDR
D
D
ADDR
DATA
DATA
CLKIN
AD31:0
ALE
ADS
A3:2
BE3/BHE
WIDTH1:0
D/C
W/
R
BLAST
DT/
R
DEN
RDYRCV
Tw
Td
Td
Tr
Tr
Ta
Tw
Td
Td
Tr
00,01,10, or 11
00,01,10, or 11
Ta
BE0/BLE
BE1/A1
01
01
0
1
01
Out
Out
In
In
F_JF034A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com