Electronic Components Datasheet Search
  English  ▼

X  

NG80960JD Datasheet(PDF) 37 Page - Intel Corporation

Part # NG80960JD
Description  3.3 V EMBEDDED 32-BIT MICROPROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NG80960JD Datasheet(HTML) 37 Page - Intel Corporation

Back Button NG80960JD Datasheet HTML 33Page - Intel Corporation NG80960JD Datasheet HTML 34Page - Intel Corporation NG80960JD Datasheet HTML 35Page - Intel Corporation NG80960JD Datasheet HTML 36Page - Intel Corporation NG80960JD Datasheet HTML 37Page - Intel Corporation NG80960JD Datasheet HTML 38Page - Intel Corporation NG80960JD Datasheet HTML 39Page - Intel Corporation NG80960JD Datasheet HTML 40Page - Intel Corporation NG80960JD Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
80960JD
PRODUCT PREVIEW
31
Figure 12. Output Float Waveform for TOF
Figure 13. Input Setup and Hold Waveform for TIS1 and TIH1
1.5V
1.5V
TOF
CLKIN
AD31:0,
ALE, ALE
ADS, A3:2,
BE3:0,
WIDTH/HLTD1:0,
D/C, W/R, DT/R,
DEN, BLAST, LOCK
CLKIN
AD31:0
1.5V
1.5V
1.5V
TIS1
TIH1
1.5V
NMI
XINT7:0
Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com