Electronic Components Datasheet Search
  English  ▼

X  

AD7770 Datasheet(PDF) 35 Page - Analog Devices

Part # AD7770
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7770 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD7770 Datasheet HTML 31Page - Analog Devices AD7770 Datasheet HTML 32Page - Analog Devices AD7770 Datasheet HTML 33Page - Analog Devices AD7770 Datasheet HTML 34Page - Analog Devices AD7770 Datasheet HTML 35Page - Analog Devices AD7770 Datasheet HTML 36Page - Analog Devices AD7770 Datasheet HTML 37Page - Analog Devices AD7770 Datasheet HTML 38Page - Analog Devices AD7770 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 98 page
background image
AD7770
Data Sheet
Rev. C | Page 34 of 97
BIPOLAR OR UNIPOLAR
AVDD1x – 0.1V
AINx+
AINx–
AVSSx + 0.1V
VCM
VREF/PGAGAIN
Figure 86. Σ-Δ ADC Input Signal Configuration, True Differential
BIPOLAR OR UNIPOLAR
AVDD1x – 0.1V
AINx+
AINx–
AVSSx + 0.1V
VCM
VREF/PGAGAIN
Figure 87. Σ-Δ ADC Input Signal Configuration, Pseudo Differential
BIPOLAR
AINx+
AINx–
AVSSx + 0.1V
VREF/PGAGAIN
Figure 88. Σ-Δ ADC Input Signal Configuration, Single-Ended Bipolar
VREF/PGAGAIN
UNIPOLAR
AINx+
AINx–
+ 0.1V
Figure 89. Σ-Δ ADC Input Signal Configuration, Single-Ended Unipolar
The common-mode input signal is not limited, but keep the
absolute input signal voltage on any AINx± pin between AVSSx +
100 mV and AVDD1x − 100 mV; otherwise, the input signal
linearity degrades and, if the signal voltage exceeds the absolute
maximum signal rating, damages the device.
Figure 90 shows the maximum and minimum voltage common-
mode range at different PGA gains for a maximum differential
input voltage.
1.6500
1.2375
0.8250
0.4125
(AVDD1x + AVSSx)/2
–0.4125
PGA GAIN
2
4
8
1
–0.8250
–1.2375
–1.6500
TRUE DIFFERENTIAL
PSEUDO DIFFERENTIAL
VREF = 2.5V
AVDD1x = 1.65V
AVSSx = –1.65V
Figure 90. Maximum Common-Mode Voltage Range for a Maximum
Differential Input Signal
The AD7770 provides a common-mode voltage pin (AVDD1x +
AVSSx)/2), VCM, for the single-supply, pseudo differential, or true
differential input configurations.
TRANSFER FUNCTION
The AD7770 can operate with up to a 3.6 V reference, typical at
2.5 V, and converts the differential voltage between the analog
inputs (AINx+ and AINx−) into a digital output. The ADC
converts the voltage difference between the analog input pins
(AINx+ − AINx−) into a digital code on the output. The 24-bit
conversion result is in MSB first, twos complement format, as
shown in Table 11 and Figure 91.
Table 11. Output Codes and Ideal Input Voltages for PGA = 1×
Condition
Analog Input
((AINx+) − (AINx−)),
VREF = 2.5 V
Digital Output Code,
Twos Complement
(Hex)
FS − 1 LSB
+2.499999702 V
0x7FFFFF
Midscale + 1 LSB
+298 nV
0x000001
Midscale
0 V
0x000000
Midscale − 1 LSB
−298 nV
0xFFFFFF
−FS + 1 LSB
−2.499999702 V
0x800001
−FS
−2.5 V
0x800000
100 ... 000
100 ... 001
100 ... 010
011 ... 101
011 ... 110
011 ... 111
ANALOG INPUT
+FSR – 1.5LSB
+FSR – 1LSB
–FSR + 1LSB
–FSR
–FSR + 0.5LSB
Figure 91. Transfer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com