Electronic Components Datasheet Search
  English  ▼

X  

AD7770 Datasheet(PDF) 47 Page - Analog Devices

Part # AD7770
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7770 Datasheet(HTML) 47 Page - Analog Devices

Back Button AD7770 Datasheet HTML 43Page - Analog Devices AD7770 Datasheet HTML 44Page - Analog Devices AD7770 Datasheet HTML 45Page - Analog Devices AD7770 Datasheet HTML 46Page - Analog Devices AD7770 Datasheet HTML 47Page - Analog Devices AD7770 Datasheet HTML 48Page - Analog Devices AD7770 Datasheet HTML 49Page - Analog Devices AD7770 Datasheet HTML 50Page - Analog Devices AD7770 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 98 page
background image
AD7770
Data Sheet
Rev. C | Page 46 of 97
RMS NOISE AND RESOLUTION
Table 25 through Table 27 show the dynamic range (DR), rms
noise referred to input (RTI), effective number of bits (ENOB),
and effective resolution (ER) of the AD7770 for various output
data rates and gain settings. The numbers given are for the bipolar
input range with an external 2.5 V reference. These numbers are
typical and are generated with a differential input voltage of 0 V
when the ADC is continuously converting on a single channel.
It is important to note that the effective resolution is calculated
using the rms noise; 16,384 consecutives samples were used to
calculate the rms noise.
Effective Resolution = log2(Input Range/RMS Noise)
ENOB = (DR − 1.78)/6
HIGH RESOLUTION MODE
Table 25. DR and RTI for High Resolution Mode
Decimation
Rate
Output Data
Rate (SPS)
f−3dB (Hz)
Gain = 1
Gain = 2
Gain = 4
Gain = 8
DR (dB)
RTI (μV rms)
DR (dB)
RTI (μV rms)
DR (dB)
RTI (μV rms)
DR (dB)
RTI (μV rms)
64
32,000
8369
103.20
12.10
101.96
6.97
99.20
4.71
95.30
3.82
128
16,000
4818.8
109.43
6.00
108.30
3.39
105.07
2.38
100.71
1.94
256
8000
2511
112.97
4.00
112.38
2.13
110.23
1.39
105.98
1.13
512
4000
1269
116.00
2.80
115.86
1.45
113.68
0.92
109.81
0.7
1024
2000
636.3
119.00
1.98
119.19
1.01
116.75
0.65
113.12
0.51
2048
1000
318.5
123.00
1.38
121.98
0.72
119.79
0.46
115.88
0.35
Table 26. ENOB and ER for High Resolution Mode
Decimation
Rate
Output Data
Rate (SPS)
f−3dB (Hz)
Gain = 1
Gain = 2
Gain = 4
Gain = 8
ENOB (Bits)
ER (Bits)
ENOB (Bits)
ER (Bits)
ENOB (Bits)
ER (Bits)
ENOB (Bits)
ER (Bits)
64
32,000
8369
17.14
18.66
16.94
18.45
16.48
18.02
15.83
17.32
128
16,000
4818.8
18.18
19.67
17.99
19.49
17.45
19.00
16.73
18.30
256
8000
2511
18.76
20.25
18.67
20.16
18.31
19.78
17.6
19.08
512
4000
1269
19.27
20.77
19.24
20.72
18.88
20.38
18.24
16.39
1024
2000
636.3
19.77
21.27
19.8
21.24
19.39
20.89
18.79
20.23
2048
1000
318.5
20.43
21.79
20.26
21.73
19.9
21.39
19.25
20.76
LOW POWER MODE
Table 27. DR and RTI for Low Power Mode
Decimation
Rate
Output Data
Rate (SPS)
f−3dB (Hz)
Gain = 1
Gain = 2
Gain = 4
Gain = 8
DR (dB)
RTI (μV rms)
DR (dB)
RTI (μV rms)
DR (dB)
RTI (μV rms)
DR (dB)
RTI (μV rms)
64
8000
2092.2
102.8
12.5
101.63
7.19
99.35
4.84
93.96
4.15
128
4000
1204.8
108.94
6.45
108.38
3.51
104.7
2.47
100.25
2.12
256
2000
627.75
112.7
4.23
112.01
2.24
109.4
1.49
105.18
1.18
512
1000
317.25
115.83
2.94
115
1.51
112.95
0.99
109.14
0.77
1024
500
159.25
118.97
2.04
118.72
1.05
116.43
0.67
112.47
0.54
Table 28. ENOB and ER for Low Power Mode
Decimation
Rate
Output Data
Rate (SPS)
f−3dB (Hz)
Gain = 1
Gain = 2
Gain = 4
Gain = 8
ENOB (Bits)
ER (Bits)
ENOB (Bits)
ER (Bits)
ENOB (Bits)
ER (Bits)
ENOB (Bits)
ER (Bits)
64
8000
2092.2
17.07
18.61
16.88
18.41
16.5
17.98
15.61
17.2
128
4000
1204.8
18.09
19.56
18.00
19.44
17.39
18.95
16.65
18.17
256
2000
627.75
18.72
20.17
18.60
20.09
18.17
19.68
17.47
19.01
512
1000
317.25
19.24
20.70
19.10
20.66
18.76
20.27
18.13
19.62
1024
500
159.25
19.76
21.22
19.72
21.18
19.34
20.84
18.68
20.15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com