Electronic Components Datasheet Search
  English  ▼

X  

AD7770 Datasheet(PDF) 64 Page - Analog Devices

Part # AD7770
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7770 Datasheet(HTML) 64 Page - Analog Devices

Back Button AD7770 Datasheet HTML 60Page - Analog Devices AD7770 Datasheet HTML 61Page - Analog Devices AD7770 Datasheet HTML 62Page - Analog Devices AD7770 Datasheet HTML 63Page - Analog Devices AD7770 Datasheet HTML 64Page - Analog Devices AD7770 Datasheet HTML 65Page - Analog Devices AD7770 Datasheet HTML 66Page - Analog Devices AD7770 Datasheet HTML 67Page - Analog Devices AD7770 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 98 page
background image
Data Sheet
AD7770
Rev. C | Page 63 of 97
Reg.
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x05E
STATUS_REG_2
[7:0]
RESERVED
CHIP_ERROR
ERR_LOC_
GEN2
ERR_LOC_
GEN1
ERR_
LOC_CH7
ERR_LOC_
CH6
ERR_LOC_
CH5
0x00
R
0x05F
STATUS_REG_3
[7:0]
RESERVED
CHIP_ERROR
INIT_
COMPLETE
ERR_LOC_
SAT_CH6_7
ERR_LOC_S
AT_CH4_5
ERR_LOC_
SAT_CH2_3
ERR_LOC_
SAT_CH0_1
0x00
R
0x060
SRC_N_MSB
[7:0]
RESERVED
SRC_N_ALL[11:8]
0x00
R/W
0x061
SRC_N_LSB
[7:0]
SRC_N_ALL[7:0]
0x80
R/W
0x062
SRC_IF_MSB
[7:0]
SRC_IF_ALL[15:8]
0x00
R/W
0x063
SRC_IF_LSB
[7:0]
SRC_IF_ALL[7:0]
0x00
R/W
0x064
SRC_UPDATE
[7:0]
SRC_
LOAD_
SOURCE
RESERVED
SRC_LOAD_
UPDATE
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com