Electronic Components Datasheet Search
  English  ▼

X  

AD7770 Datasheet(PDF) 48 Page - Analog Devices

Part # AD7770
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7770 Datasheet(HTML) 48 Page - Analog Devices

Back Button AD7770 Datasheet HTML 44Page - Analog Devices AD7770 Datasheet HTML 45Page - Analog Devices AD7770 Datasheet HTML 46Page - Analog Devices AD7770 Datasheet HTML 47Page - Analog Devices AD7770 Datasheet HTML 48Page - Analog Devices AD7770 Datasheet HTML 49Page - Analog Devices AD7770 Datasheet HTML 50Page - Analog Devices AD7770 Datasheet HTML 51Page - Analog Devices AD7770 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 98 page
background image
Data Sheet
AD7770
Rev. C | Page 47 of 97
DIAGNOSTICS AND MONITORING
SELF DIAGNOSTICS ERROR
The AD7770 includes self diagnostic features to guarantee the
correct operation. If an error is detected, the ALERT pin is
pulled high to generate an external interruption to the controller.
In addition, the header of the Σ-Δ output data contains an alert
bit that informs the controller of a chip error (see the ADC
Conversion Output—Header and Data section).
Both the ALERT pin and bit (status header) are automatically
cleared if the error is no longer present. The errors related to
the SPI do not recover automatically; read back the appropriate
register to clear the error. The ALERT pin and bit reset in the
next SPI access after the bit is read back.
If an error detector is manually disabled, it does not generate an
internal error and, consequently, the register map or the
ALERT pin and bit are not triggered.
There are different sources of errors, as described in Table 29.
In pin control code, it is not possible to check the error source,
and some sources of error are not enabled. In SPI control mode,
check the source of an error by reading the appropriate register bit.
The STATUS_REG_x register bits identify the register that
generates an error, as summarized in Table 29.
Table 29. Register Error Source
Bit Name
Register Source
ERR_LOC_GEN2
GEN_ERR_REG_2
ERR_LOC_GEN1
GEN_ERR_REG_1
ERR_LOC_CH7
CH7_ERR_REG
ERR_LOC_CH6
CH6_ERR_REG
ERR_LOC_CH5
CH5_ERR_REG
ERR_LOC_CH4
CH4_ERR_REG
ERR_LOC_CH3
CH3_ERR_REG
ERR_LOC_CH2
CH2_ERR_REG
ERR_LOC_CH1
CH1_ERR_REG
ERR_LOC_CH0
CH0_ERR_REG
ERR_LOC_SAT_CH6_7
CH6_7_SAT_ERR
ERR_LOC_SAT_CH4_5
CH4_5_SAT_ERR
ERR_LOC_SAT_CH2_3
CH2_3_SAT_ERR
ERR_LOC_SAT_CH0_1
CH0_1_SAT_ERR
In addition, the STATUS_REG_x registers have a bit that
indicates if any internal error bit is set, ERROR. This bit clears
if the error is no longer present and the register is read back.
The INIT_COMPLETE bit in the STATUS_REG_3 indicates
that the device is initialized correctly. This bit is not an error bit
but an indicator.
General Errors
MCLK Switch Error (SPI Control Mode)
After power-up, the AD7770 initiates a clocking handover
sequence to pass clocking control to the external oscillator, or
the CMOS clock. In SPI mode, if an error occurs in the handover,
the EXT_MCLK_SWITCH_ERR bit is set in the general error
register, GEN_ERR_REG_2.
If EXT_MCLK_SWITCH_ERR is set, the device is operating off
the internal oscillator, and is waiting for an appropriate external
clock.
To use a slow external clock (<265 kHz), set the CLK_QUAL_
DIS bit. Setting this bit also clears the error bit.
If the external clock is between 132 kHz and 265 kHz, depending
on the internal synchronization between the internal oscillator
and the external clock, the error may not trigger. However, it is
still recommended to set the CLK_QUAL_DIS bit.
If a slow clock is not in use and the error triggers, a reset is required.
Reset Detection
The AD7770 general error register contains a RESET_DETECTED
bit. This bit is asserted if a reset pulse is applied to the AD7770
and is cleared by reading the general error register. This bit
indicates that the power-on reset (POR) initialized correctly on the
device. In addition, this bit can detect an unexpected device reset
or glitch on the RESET pin. To reset this error signal in SPI control
mode, toggle the SYNC_IN pin or read from the general error
register, GEN_ERR_REG_2. To reset this error signal in pin
control mode, toggle the SYNC_IN pin.
Internal LDO Status
The AD7770 has three internal LDOs to regulate the internal
analog and digital supply rails. The LDOs have internal power
supply monitors. Internal comparators monitor and flag errors
with these supplies after they pass a predetermined limit.
The ALDO1_PSM_ERR, ALDO2_PSM_ERR, and DLDO_PSM_
ERR bits indicate either an LDO malfunction, or, if the LDOs
are bypassed, an incorrect external supply.
The internal analog and digital voltage monitors can be disabled
by appropriately selecting the LDO_PSM_TEST_EN bits.
Use the SAR ADC to verify the error.
Additionally, the levels of the internal monitors can be manually
triggered to check if the detector works correctly by appropriately
setting the LDO_PSM_TRIP_TEST_EN bits. These bits increase
the comparator window threshold above the LDO outputs,
forcing the comparator to trigger.
ROM and Memory Map CRC
If an error is found at power-up during the ROM verification,
or if the internal memory map is corrupted, the AD7770
generates an error and sets MEMMAP_CRC_ERR or ROM_
CRC_ERR, depending on the source of the error.
The checker can be disabled by clearing the MEMMAP_
CRC_TEST_EN and ROM_CRC_TEST_EN bits. The device
must be reset if any of these errors trigger.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com