Electronic Components Datasheet Search
  English  ▼

X  

AD7770 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7770
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7770 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7770 Datasheet HTML 21Page - Analog Devices AD7770 Datasheet HTML 22Page - Analog Devices AD7770 Datasheet HTML 23Page - Analog Devices AD7770 Datasheet HTML 24Page - Analog Devices AD7770 Datasheet HTML 25Page - Analog Devices AD7770 Datasheet HTML 26Page - Analog Devices AD7770 Datasheet HTML 27Page - Analog Devices AD7770 Datasheet HTML 28Page - Analog Devices AD7770 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 98 page
background image
AD7770
Data Sheet
Rev. C | Page 24 of 97
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
POWER SUPPLY SETTING
TEMPERATURE = 25°C
VIN = 0V
VREF = 2.5V
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
3.0
3.6
3.3
Figure 44. Offset Error vs. Power Supply Setting, High Resolution Mode
–50
40
30
20
10
0
–10
–20
–30
–40
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
CH 0
CH 1
CH 2
CH 3
CH 4
CH 5
CH 6
CH 7
AVDD1x = 3.3V
Figure 45. Offset Drift vs. Temperature
–0.043
–0.035
–0.026
–0.017
–0.008
0
0.008
0.017
3.0
3.3
3.6
AVDD1x SUPPLY (V)
CH 0
CH 1
CH 2
CH 3
CH 4
CH 5
CH 6
CH 7
TEMPERATURE = 25°C
GAIN = 1
VREF = 2.5V
VIN = 0dBFS
Figure 46. Gain Error vs. AVDD1x Supply, High Resolution Mode
–16
–14
–12
–10
–8
–6
–4
–2
4
2
0
POWER SUPPLY SETTING
TEMPERATURE = 25°C
VIN = 0V
VREF = 2.5V
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
3.0
3.6
3.3
Figure 47. Offset Error vs. Power Supply Setting, Low Power Mode
–20
–15
–10
–5
0
5
10
15
20
25
30
45
40
35
0
500
168
1000
TIME (Hours)
Figure 48. Gain Error Drift vs. Time
3.0
3.3
3.6
AVDD1x SUPPLY (V)
TEMPERATURE = 25°C
GAIN = 1
VREF = 2.5V
VIN = 0dBFS
–0.043
–0.035
–0.026
–0.017
–0.008
0
0.008
0.017
CH 0
CH 1
CH 2
CH 3
CH 4
CH 5
CH 6
CH 7
Figure 49. Gain Error vs. AVDD1x Supply, Low Power Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com