Electronic Components Datasheet Search
  English  ▼

X  

AD7770 Datasheet(PDF) 36 Page - Analog Devices

Part # AD7770
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7770 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD7770 Datasheet HTML 32Page - Analog Devices AD7770 Datasheet HTML 33Page - Analog Devices AD7770 Datasheet HTML 34Page - Analog Devices AD7770 Datasheet HTML 35Page - Analog Devices AD7770 Datasheet HTML 36Page - Analog Devices AD7770 Datasheet HTML 37Page - Analog Devices AD7770 Datasheet HTML 38Page - Analog Devices AD7770 Datasheet HTML 39Page - Analog Devices AD7770 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 98 page
background image
Data Sheet
AD7770
Rev. C | Page 35 of 97
MCLK
START
Σ-∆
MODULATOR
SIGNAL CHAIN FOR CHANNEL x
CONTROL BLOCK
PIN CONTROL
CONTROL
OPTION
PIN OR SPI
DIGITAL
FILTER
SINC3
SRC
GAIN
SCALING
AND
OFFSET
CORRECTION
CONVERSION
DATA INTERFACE
MODE0 TO MODE3
CS SCLK SDO SDI
SYNC_OUT
SYNC_IN
RESET
DRDY
DOUTx
SCLK
FORMAT0
AND
FORMAT1
AINx+
PGA
GAIN 1, 2, 4, 8
ESD
PROTECTION
AINx–
SPI CONTROL
Figure 92. Top Level Core Signal Chain
CORE SIGNAL CHAIN
Each Σ-Δ ADC channel on the AD7770 has an identical signal path
from the analog input pins to the digital output pins. Figure 92
shows a top level implementation of this signal chain. Prior to
each Σ-Δ ADC, a PGA maps sensor outputs into the ADC inputs,
providing low input current in dc (±8 nA in high resolution
mode) single-ended input current, and ±4 nA differential input
current in high resolution mode), an 8 pF input capacitance in
ac, and configurable gains of 1, 2, 4, and 8. See the AN-1392
Application Note for more information. Each ADC channel has its
own Σ-Δ modulator, which oversamples the analog input and
passes the digital representation to the digital filter block. The
data is filtered, scaled for gain and offset, and is then output on
the data interface.
To minimize power consumption, the channels can be
individually disabled.
CAPACITIVE PGA
Each Σ-Δ ADC has a dedicated PGA, offering gain ranges of 1,
2, 4, and 8. This PGA reduces the need for an external input buffer
and allows the user to amplify small sensor signals to use the
full dynamic range of the AD7770. The PGA maximize the
signal chain dynamic range for small sensor output signals.
The AD7770 uses chopping of the PGA to minimize offset and
offset drift in the input amplifier, reducing the 1/f noise as well.
For the AD7770, the chopping frequency is set to 128 kHz for
high resolution mode, and 32 kHz for low power mode (see the
AN-1392 Application Note for more information). The chopping
tone is rejected by the sinc3 filter.
To minimize intermodulation effects that may cause image in
the band of interest, it is recommended to limit the input signal
bandwidth to 2/3 of the chop frequency.
The capacitive PGA common-mode voltage does not depend on
the gain, and can be any value as long as the input signal voltage
is within AVSSx + 100 mV to AVDD1x − 100 mV. See Figure 90
for the maximum common-mode voltage at maximum
differential input signals.
INTERNAL REFERENCE AND REFERENCE BUFFERS
The AD7770 integrates a 2.5 V, ±10 ppm/°C typical, voltage
reference that is disabled at power-up. The buffered reference is
available at Pin 49 and offers up to 10 mA of continuous current. A
100 nF capacitor is required if the reference is enabled.
In applications where a low noise reference is required, it is
recommended to add a low-pass filter (LPF) with a cutoff
frequency (fCUTOFF) below 10 Hz to the REF_OUT pin. Connect
the output of this filter to REFx+, and connect AVSSx to REFx−.
In this scenario, configure the Σ-Δ reference to be external by
configuring the reference buffers in enable or precharge mode. An
example of performance with and without the output filter is
shown in Figure 93.
115
105
95
85
75
0.05
0.50
1.00
2.00
2.50
DIFFERENTIAL INPUT VOLTAGE (V)
VREF = INTERNAL REFERENCE
fCUTOFF < 10Hz
Figure 93. SNR Adding External LPF with VREF = Internal Reference and
fCUTOFF < 10 Hz
The AD7770 can be used with an external reference connected
between the REFx+ and REFx− pins. Recommended reference
voltage sources for the AD7770 include the ADR441 and ADR4525
family of low noise, high accuracy voltage references.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com