Electronic Components Datasheet Search
  English  ▼

X  

AD7770 Datasheet(PDF) 52 Page - Analog Devices

Part # AD7770
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7770 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD7770 Datasheet HTML 48Page - Analog Devices AD7770 Datasheet HTML 49Page - Analog Devices AD7770 Datasheet HTML 50Page - Analog Devices AD7770 Datasheet HTML 51Page - Analog Devices AD7770 Datasheet HTML 52Page - Analog Devices AD7770 Datasheet HTML 53Page - Analog Devices AD7770 Datasheet HTML 54Page - Analog Devices AD7770 Datasheet HTML 55Page - Analog Devices AD7770 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 98 page
background image
Data Sheet
AD7770
Rev. C | Page 51 of 97
Σ-∆ OUTPUT DATA
ADC CONVERSION OUTPUT—HEADER AND DATA
The AD7770 Σ-Δ conversion results are output on the DOUT0
to DOUT3 pins or over the SPI, depending on the selected
interface. If the DOUTx interface is selected, the AD7770 acts as
the master in the transmission. If the SPI is selected, the
controller is the master.
The DRDY signal indicates the end of conversion independent
of the interface selected to read back the Σ-Δ conversion. When
the SPI reads back the Σ-Δ conversion, if a new conversion is
completed (DRDY falling edge) before the previous conversion is
read back, the results from previous conversion are overwritten
and, consequently, the previous conversion data is corrupted.
For each channel, the width is 32 bits long: 8 bits for the header
and 24 bits for the Σ-Δ conversion, as shown in Figure 107.
ADC DATA N
N – 1
24-BITS
8-BITS
DOUTx
DRDY
HEADER N
Figure 107. ADC Output—8-Bit Header Plus 24-Bit Conversion Data
In pin control mode, the header is fixed to the CRC while in SPI
mode, and can be selected between CRC and error headers.
CRC Header
The CRC header is the header generated in pin control mode or
in SPI mode if DOUT_HEADER_FORMAT is set.
As shown in Figure 108, the header consists of an alert bit,
three bits for the ADC channel ID, as shown in Table 33, and
four bits for the CRC.
The chip error bit is set high if an error is detected in any channel,
as explained in the General Errors section. The alert bit remains
1 until the error disappears.
ALERT
CH_ID_2
CH_ID_1
CH_ID_0
CRC CRC CRC CRC
Figure 108. CRC Header
Table 33. Channel ID
Channel
CH_ID_2
CH_ID_1
CH_ID_0
0
0
0
0
1
0
0
1
2
0
1
0
3
0
1
1
4
1
0
0
5
1
0
1
6
1
1
0
7
1
1
1
The CRC generated is eight bits long; the 4 MSBs are placed on the
header for the first channel in the pairing and the 4 LSBs on the
header of the second channel in the pairing, as shown in Table 34.
If a channel is disabled, the 24-bit output data for this channel is
0x000000.
Table 34. 8-Bit CRC, Header Configuration (Channel 2)
ALERT
0
1
0
CRC7
CRC6
CRC5
CRC4
Table 35. 8-Bit CRC, Header Configuration (Channel 3)
ALERT
0
1
1
CRC3
CRC2
CRC1
CRC0
ERROR Header (SPI Control Mode)
In SPI control mode, the default header can be replaced by an error
header. If the Σ-Δ conversion is read back through the SPI, disable
the CRC by clearing the SPI_CRC_TEST_EN bit. If the DOUTx
interface is used, clear the DOUT_HEADER_
FORMAT bit.
The error header provides information of common error sources
specific for each channel, as shown in Table 36. Modulator and
filter errors are indicated even if the checker for these errors are
specifically disabled, as described in the Σ-Δ ADC Errors section.
Table 36. Status Header Output
Bits
Name
Description
7
Alert
This bit is set high if any of the enabled diagnostic functions have detected an error, including an
external clock not detected, a memory map bit flip, or an internal CRC error. This bit is not channel specific.
The bit clears if the error is no longer present.
[6:4]
CH_ID_[2:0]
These bits indicate which ADC channel the following conversion data came from (see Table 33).
3
RESET_DETECTED
This bit indicates if a reset condition occurs. This bit is not channel specific.
2
MODULATOR_SATURATE
This bit indicates that the modulator output is 20 consecutive 0s or 1s. The bit resets automatically
after the error is no longer present.
1
FILTER_SATURATE
This bit indicates that the filter output is out of bounds. The bit resets automatically after the error is
no longer present.
0
AIN_OV_UVERROR
This bit indicates that there is an AINx± overvoltage/undervoltage condition on the inputs. This bit is
set until the appropriate register is read back and the error is no longer present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com