Electronic Components Datasheet Search
  English  ▼

X  

AD7770 Datasheet(PDF) 44 Page - Analog Devices

Part # AD7770
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7770 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD7770 Datasheet HTML 40Page - Analog Devices AD7770 Datasheet HTML 41Page - Analog Devices AD7770 Datasheet HTML 42Page - Analog Devices AD7770 Datasheet HTML 43Page - Analog Devices AD7770 Datasheet HTML 44Page - Analog Devices AD7770 Datasheet HTML 45Page - Analog Devices AD7770 Datasheet HTML 46Page - Analog Devices AD7770 Datasheet HTML 47Page - Analog Devices AD7770 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 98 page
background image
Data Sheet
AD7770
Rev. C | Page 43 of 97
Power Modes
The AD7770 offers different power modes to improve the power
efficiency, high resolution and low power mode, which can be
controlled via GENERAL_USER_CONFIG_1, Bit 6. To further
reduce the power, additional blocks can be disabled independently,
as described in Table 21.
If the power mode changes, a pulse on the SYNC_IN pin is
required.
LDO Bypassing
The internal LDOs can be individually bypassed and an external
supply can be applied directly to the AREG1CAP, AREG2CAP,
or DREGCAP pin. Table 22 shows the absolute minimum and
maximum supplies for these pins, as well as the associated
register used to bypass the regulator.
Table 22. LDO Bypassing
LDO
BUFFER_CONFIG_2,
Bits[2:0]1
Supply
Max (V)
Min (V)
AREG1CAP
1XX
1.9
1.85
AREG2CAP
X1X
1.9
1.85
DREGCAP
XX1
1.98
1.65
1
X means don’t care.
DIGITAL SPI
The SPI serial interface on the AD7770 consists of four
signals: CS, SDI, SCLK, and SDO. A typical connection diagram
of the SPI is shown in Figure 101.
DSP/FPGA
AD7770
CS
SCLK
SDI
SDO
Figure 101. SPI Control Interface—AD7770 is the SPI Slave, Digital Signal
Processor (DSP)/Field Programmable Gate Array (FPGA) is the Master
The SPI operates in Mode 0 and Mode 3: CPOL = 0, CPHA = 0
(Mode 0) or CPOL = 1, CPHA = 1 (Mode 3).
In pin control mode, the SDO can read back the Σ-Δ results,
depending on the level of the CONVST_SAR pin, as described in
Table 13.
In SPI control mode, the SPI transfers data into the on-chip
registers while the SDO pin reads back data from the on-chip
registers or reads the SAR or the Σ-Δ conversions results,
depending on the selected operation mode.
The SDO data source in SPI control mode is defined by the
GENERAL_USER_CONFIG_2 and GENERAL_USER_
CONFIG_3 registers, as described in Table 23.
Table 23. SPI Operation Mode in SPI Control Mode
GENERAL_USER_
CONFIG_2, Bit 5
Setting
GENERAL_USER_
CONFIG_3, Bit 4
Setting1
Mode
0
0
Internal register
0
1
Σ-Δ data conversion
1
X
SAR conversion
1
X means don’t care.
In SPI control mode, there are four different levels of I/O strength
on the SDO pin that can be selected in GENERAL_USER_
CONFIG_2, Bits[4:3], as described in Table 24.
Table 24. SDO Strength
GENERAL_USER_CONFIG_2, Bits[4:3] Setting
Mode
00
Nominal
01
Strong
10
Weak
11
Extra strong
SCLK is the serial clock input for the device. All data transfers
(on either SDO or SDI) occur with respect to this SCLK signal.
The SPI can operate in multiples of eight bits. For example, in
SPI control mode, if the SDO pin is used to read back the data
from the internal register or the SAR ADC, the data frame is 16 bits
wide (CRC disabled), as shown in Figure 102, or 24 bits wide (CRC
enabled), as shown in Figure 103. In this case, the controller can
generate one frame of 16 bits or 24 bits (with and without the
CRC enabled), or 2 or 3 frames of 8 bits (with and without the
CRC enabled). When the SDO pin reads back the data from the
Σ-Δ channels, 64 bits must be read back from the controller (in
this case, the controller can generate a frame of 64 bits—either
2 × 32 bits, 4 × 16 bits, or 8 × 8 bits).
SPI CRC—Checksum Protection (SPI Control Mode)
The AD7770 has a checksum mode that improves SPI
robustness in SPI control mode. Using the checksum ensures
that only valid data is written to a register and allows data read
from the device to be validated. The SPI CRC can be enabled by
setting the SPI_CRC_TEST_EN bit. If an error occurs during a
register write, the SPI_CRC_ERR is set in the error register.
Enabling the SPI_CRC_TEST_EN bit results in a CRC checksum
being performed on all the R/W operations. When SPI_
CRC_TEST_EN is enabled, an 8-bit CRC word is appended
to every SPI transaction for SAR and register map operations.
For more information on Σ-Δ readback operations, see the
CRC Header section.
To ensure that the register write is successful, it is recommended to
read back the register and verify the checksum.
For CRC checksum calculations, the following polynomial is
always used: x8 + x2 + x + 1. See the SPI Control Mode
Checksum section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com