Electronic Components Datasheet Search
  English  ▼

X  

AD7770 Datasheet(PDF) 37 Page - Analog Devices

Part # AD7770
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7770 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD7770 Datasheet HTML 33Page - Analog Devices AD7770 Datasheet HTML 34Page - Analog Devices AD7770 Datasheet HTML 35Page - Analog Devices AD7770 Datasheet HTML 36Page - Analog Devices AD7770 Datasheet HTML 37Page - Analog Devices AD7770 Datasheet HTML 38Page - Analog Devices AD7770 Datasheet HTML 39Page - Analog Devices AD7770 Datasheet HTML 40Page - Analog Devices AD7770 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 98 page
background image
AD7770
Data Sheet
Rev. C | Page 36 of 97
ADC
MODULATOR
SINC
FILTER
DATA
INTERFACE
CONTROL
MCLK DIVIDER
HIGH RESOLUTION MODE: MCLK/4
LOW POWER MODE: MCLK/8
DCLK DIVIDER
1, 2, 4, 8, 16, 32, 64, 128
DEC RATES = FROM ×64 TO ×4095.99
MOD_MCLK
DCLKx
DRDY
DOUT3
TO
DOUT0
PGA
AINx+
MCLK
AINx–
Figure 94. Clock Generation on the AD7770
The reference buffers can be operated in three different modes:
buffer enabled mode, buffer bypassed mode, and buffer pre-Q
mode.
In buffer enabled mode, the buffer is fully enabled, minimizing
the current requirements from the external references. Note that
the buffer output voltage headroom is ±100 mV from the rails.
In buffer bypassed mode, the external reference is directly
connected to the ADC reference capacitors; the reference must
provide enough current to correctly charge the internal ADC
reference capacitors. In this mode of operation, a slight
degradation in crosstalk is expected because the ADC channels
are not isolated from each other.
Buffer pre-charged (pre-Q) mode is the default operation
mode. It is a hybrid mode where the internal reference buffers are
connected during the initial acquisition time to precharge the
internal ADC reference capacitors. During the final phase of the
acquisition, the reference is connected directly to the ADC
capacitors. This mode has some benefits compared to the buffer
enabled and buffer bypassed modes. In buffer pre-Q mode, the
reference current requirements are minimized compared to
buffer bypassed mode and the noise contribution from the
internal reference buffers is removed (compared to buffer
enabled mode).
In buffer pre-Q mode, the headroom/footroom of the buffer
reference is not applicable because the reference sets the final
voltage in the ADC reference capacitors.
INTEGRATED LDOs
The AD7770 has three internal LDOs to regulate the internal
supplies: two LDOs for the analog block and one LDO for the
digital core. The internal LDOs requires an external 1 µF
decoupling capacitor on the DREGCAP, AREG1CAP, and
the AREG2CAP pins. The LDO slew rate may be low because
it depends on the main supply slew rate; therefore, a hardware
reset generated by pulsing the RESET pin at power-up is required
to guarantee that the digital block initializes correctly.
CLOCKING AND SAMPLING
The AD7770 includes eight Σ-Δ ADC cores. Each ADC receives
the same master clock signal. The AD7770 requires a maximum
external MCLK frequency of 8192 kHz for high resolution mode
and 4096 kHz for low power mode. The MCLK is internally
divided by 4 in high performance mode and by 8 in low power
mode to produce the modulator MCLK (MOD_MCLK) signal
used as the modulator sampling clock for the ADCs. The MCLK
can be decreased to accommodate lower ODRs if the minimum
ODR selected by the sinc3 filter is not low enough. If the external
clock is lower than 256 kHz, set the CLK_QUAL_DIS bit (in
SPI control mode only).
The AD7770 integrates an internal oscillator clock that initializes
the internal registers at power-up. The CLK_SEL pin defines the
external clock used after initialization (see Table 12).
Table 12. Clock Sources
CLK_SEL State
Clock Source
Connection
0
CMOS
Input to XTAL2/MCLK, IOVDD
logic level. XTAL1 must be
tied to DGND.
1
Crystal
Connected between XTAL1
and XTAL2/MCLK.
The MCLK signal generates the DCLK output signal, which in
turn clocks the Σ-Δ conversion data from the AD7770, as shown
in Figure 94.
DIGITAL RESET AND SYNCHRONIZATION PINS
An external pulse in the SYNC_IN pin generates the internal
reset of the digital block; this pulse does not affect the data
programmed in the internal registers. A pulse in this pin is
required in two cases as follows:
•
After updating one or more registers directly related to the
sinc3 filter. These are power mode, offset, gain, and phase
compensation.
•
To synchronize multiple devices.
The pulse in the SYNC_IN pin must be synchronous with MCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com