Electronic Components Datasheet Search
  English  ▼

X  

AD7770 Datasheet(PDF) 28 Page - Analog Devices

Part # AD7770
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7770 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7770 Datasheet HTML 24Page - Analog Devices AD7770 Datasheet HTML 25Page - Analog Devices AD7770 Datasheet HTML 26Page - Analog Devices AD7770 Datasheet HTML 27Page - Analog Devices AD7770 Datasheet HTML 28Page - Analog Devices AD7770 Datasheet HTML 29Page - Analog Devices AD7770 Datasheet HTML 30Page - Analog Devices AD7770 Datasheet HTML 31Page - Analog Devices AD7770 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 98 page
background image
Data Sheet
AD7770
Rev. C | Page 27 of 97
25
105
125
TEMPERATURE (°C)
VREF = 2.5V
VIN = 2.5V
AVDD1x = 3.3V
CH 0
CH 1
CH 2
CH 3
CH 4
CH 5
CH 6
CH 7
Figure 62. Differential Input Current vs. Temperature, High Resolution Mode
–140
–120
–100
–80
–60
–40
–20
0
INPUT FREQUENCY (Hz)
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
AVDD1x = 3.3V
VCM = 1.65V + 100mV p-p
Figure 63. Common-Mode Rejection Ratio (CMRR) vs. Input Frequency at
16 kSPS, High Resolution Mode
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT FREQUENCY (Hz)
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
AVDD1x = 3.3V + 100mV p-p
TEMPERATURE = 25°C
Figure 64. AC Power Supply Rejection Ratio (PSRR) vs. Input Frequency at
16 kSPS, High Resolution Mode
–40
25
105
125
TEMPERATURE (°C)
VREF = 2.5V
VIN = 2.5V
AVDD1x = 3.3V
0
1
2
3
4
5
6
7
8
CH 0
CH 1
CH 2
CH 3
CH 4
CH 5
CH 6
CH 7
Figure 65. Differential Input Current vs. Temperature, Low Power Mode
–140
–120
–100
–80
–60
–40
–20
0
INPUT FREQUENCY (Hz)
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
AVDD1x = 3.3V
VCM = 1.65V + 100mV p-p
Figure 66. CMRR vs. Input Frequency at 4 kSPS, Low Power Mode
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT FREQUENCY (Hz)
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
AVDD1x = 3.3V + 100mV p-p
TEMPERATURE = 25°C
Figure 67. AC PSRR vs. Input Frequency at 4 kSPS, Low Power Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com