Electronic Components Datasheet Search
  English  ▼

X  

AD7771 Datasheet(PDF) 40 Page - Analog Devices

Part # AD7771
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD7771 Datasheet HTML 36Page - Analog Devices AD7771 Datasheet HTML 37Page - Analog Devices AD7771 Datasheet HTML 38Page - Analog Devices AD7771 Datasheet HTML 39Page - Analog Devices AD7771 Datasheet HTML 40Page - Analog Devices AD7771 Datasheet HTML 41Page - Analog Devices AD7771 Datasheet HTML 42Page - Analog Devices AD7771 Datasheet HTML 43Page - Analog Devices AD7771 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 99 page
background image
Data Sheet
AD7771
Rev. 0 | Page 39 of 98
–40
–0.5
0
0.5
1.0
10
TEMPERATURE (°C)
60
125
IAVDD1x
IAVDD2x
IAVDD4
IIOVDD
AVDDx = 3.3V
IOVDD = 3.3V
Figure 113. Shutdown Current
CONTROLLING THE AD7771
The AD7771 can be controlled using either pin control mode or
SPI control mode.
Pin control mode allows the AD7771 to be hardwired to predefined
settings that offer a subset of the overall functionality of the
AD7771. In this mode, the SRC and diagnostic features or
extended errors source are not available.
Controlling the AD7771 over the SPI allows the user access to
the full monitoring, diagnostic, and Σ-Δ control functionality.
SPI control offers additional functionality such as offset, gain,
and phase correction per channel, in addition to access to the
flexible SRC to achieve a coherent sampling.
See Table 13 for more details about these different configurations.
PIN CONTROL MODE
In pin control mode, the AD7771 is configured at power-up
based on the level of the mode pins, MODE0, MODE1, MODE2,
and MODE3. These four pins set the following functions on the
AD7771: the mode of operation, the decimation rate/ODR, the
PGA gain, and the reference source, as shown in Table 14.
Due to the limited number of mode pins and the number of
options available, the PGA gain control is grouped into blocks
of 4, and the ODR is selected for the maximum value defined by
the decimation rate; ODR (kHz) = 2048/decimation for high
resolution mode, and ODR (kHz) = 512/decimation for low
power mode.
Depending on the mode selected, the device is configured to
use an external or an internal reference.
The conversion data can be read back using the SPI or the data
output interface, as shown in Table 13. If the data output interface is
used to read back the data from the conversions, the number of
DOUTx lines enabled and the number of clocks required for
the Σ-Δ data transfer are determined by the logic level of the
CONVST_SAR, FORMAT0, and FORMAT1 pins. In this case,
the DCLK2, DCLK1, and DCLK0 pins select the Σ-Δ output
interface and control the DCLKx divide function, which is a
submultiple of MCLK, as shown in Table 15. The DCLKx divide
function sets the frequency of the data output interface DCLKx
signal. The DCLK minimum frequency depends on the
decimation rate and operation mode. See the Data Output
Interface section for more details about the minimum DCLKx
frequency.
All the pins that define the AD7771 configuration mode are
reevaluated each time the SYNC_IN pin is pulsed. The typical
connection diagram for pin control mode is shown in Figure 114.
Table 13. Format of the Data Interface
CONVST_SAR State
FORMAT1
FORMAT0
Control Mode
Data Output Mode
1
0
0
Pin
SPI output
0
1
Pin
SPI output
1
1
Pin
SPI output
1
1
SPI
Defined in Register 0x014
0
0
0
Pin
DOUT0, Channel 0 and Channel 1
DOUT1, Channel 2 and Channel 3
DOUT2, Channel 4 and Channel 5
DOUT3, Channel 6 and Channel 7
0
1
Pin
DOUT0, Channel 0 to Channel 3
DOUT1, Channel 4 to Channel 7
1
0
Pin
DOUT0, Channel 0 to Channel 7
1
1
SPI
Defined in Register 0x014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com