Electronic Components Datasheet Search
  English  ▼

X  

AD7771 Datasheet(PDF) 98 Page - Analog Devices

Part # AD7771
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771 Datasheet(HTML) 98 Page - Analog Devices

Back Button AD7771 Datasheet HTML 91Page - Analog Devices AD7771 Datasheet HTML 92Page - Analog Devices AD7771 Datasheet HTML 93Page - Analog Devices AD7771 Datasheet HTML 94Page - Analog Devices AD7771 Datasheet HTML 95Page - Analog Devices AD7771 Datasheet HTML 96Page - Analog Devices AD7771 Datasheet HTML 97Page - Analog Devices AD7771 Datasheet HTML 98Page - Analog Devices AD7771 Datasheet HTML 99Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 98 / 99 page
background image
Data Sheet
AD7771
Rev. 0 | Page 97 of 98
DECIMATION RATE (IF) LSB REGISTER
Address: 0x063, Reset: 0x00, Name: SRC_IF_LSB
SRC IF ALL
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] SRC_IF_ALL[7:0] (R/W)
Table 142. Bit Descriptions for SRC_IF_LSB
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
SRC_IF_ALL[7:0]
SRC IF All
0x0
R/W
SRC LOAD SOURCE AND LOAD UPDATE REGISTER
Address: 0x064, Reset: 0x00, Name: SRC_UPDATE
Select which option to load an SRC
update
As s ert bit to load SRC regis ters into
SRC
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7] SRC_LOAD_SOURCE (R/W)
[0] SRC_LOAD_UPDATE (R/W)
[6:1] RESERVED
Table 143. Bit Descriptions for SRC_UPDATE
Bits
Bit Name
Settings
Description
Reset
Access
7
SRC_LOAD_SOURCE
Selects which option to load an SRC update
0x0
R/W
[6:1]
RESERVED
Reserved
0x0
R
0
SRC_LOAD_UPDATE
Asserts bit to load SRC registers into SRC
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com