Electronic Components Datasheet Search
  English  ▼

X  

AD7771 Datasheet(PDF) 96 Page - Analog Devices

Part # AD7771
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771 Datasheet(HTML) 96 Page - Analog Devices

Back Button AD7771 Datasheet HTML 91Page - Analog Devices AD7771 Datasheet HTML 92Page - Analog Devices AD7771 Datasheet HTML 93Page - Analog Devices AD7771 Datasheet HTML 94Page - Analog Devices AD7771 Datasheet HTML 95Page - Analog Devices AD7771 Datasheet HTML 96Page - Analog Devices AD7771 Datasheet HTML 97Page - Analog Devices AD7771 Datasheet HTML 98Page - Analog Devices AD7771 Datasheet HTML 99Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 96 / 99 page
background image
Data Sheet
AD7771
Rev. 0 | Page 95 of 98
ERROR STATUS REGISTER 1
Address: 0x05D, Reset: 0x00, Name: STATUS_REG_1
An error s pecific to CH0_ERR_REG
is active
Set high if any error bit is high
An error s pecific to CH1_ERR_REG
is active
An error specific to CH4_ERR_REG
is active
An error s pecific to CH2_ERR_REG
is active
An error specific to CH3_ERR_REG
is active
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:6] RESERVED
[0] ERR_LOC_CH0 (R)
[5] CHIP_ERROR (R)
[1] ERR_LOC_CH1 (R)
[4] ERR_LOC_CH4 (R)
[2] ERR_LOC_CH2 (R)
[3] ERR_LOC_CH3 (R)
Table 136. Bit Descriptions for STATUS_REG_1
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
RESERVED
Reserved
0x0
R
5
CHIP_ERROR
Set this bit high if any error bit is high
0x0
R
4
ERR_LOC_CH4
An error specific to CH4_ERR_REG is active
0x0
R
3
ERR_LOC_CH3
An error specific to CH3_ERR_REG is active
0x0
R
2
ERR_LOC_CH2
An error specific to CH2_ERR_REG is active
0x0
R
1
ERR_LOC_CH1
An error specific to CH1_ERR_REG is active
0x0
R
0
ERR_LOC_CH0
An error specific to CH0_ERR_REG is active
0x0
R
ERROR STATUS REGISTER 2
Address: 0x05E, Reset: 0x00, Name: STATUS_REG_2
An error s pecific to CH5_ERR_REG
is active
Set high if any error bit is high
An error s pecific to CH6_ERR_REG
is active
An error s pecific to GEN_ERR_REG_2
is active
An error s pecific to CH7_ERR_REG
is active
An error s pecific to GEN_ERR_REG_1
is active
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:6] RESERVED
[0] ERR_LOC_CH5 (R)
[5] CHIP_ERROR (R)
[1] ERR_LOC_CH6 (R)
[4] ERR_LOC_GEN2 (R)
[2] ERR_LOC_CH7 (R)
[3] ERR_LOC_GEN1 (R)
Table 137. Bit Descriptions for STATUS_REG_2
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
RESERVED
Reserved
0x0
R
5
CHIP_ERROR
Set high if any error bit is high
0x0
R
4
ERR_LOC_GEN2
An error specific to GEN_ERR_REG_2 is active
0x0
R
3
ERR_LOC_GEN1
An error specific to GEN_ERR_REG_1 is active
0x0
R
2
ERR_LOC_CH7
An error specific to CH7_ERR_REG is active
0x0
R
1
ERR_LOC_CH6
An error specific to CH6_ERR_REG is active
0x0
R
0
ERR_LOC_CH5
An error specific to CH5_ERR_REG is active
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com