Electronic Components Datasheet Search
  English  ▼

X  

AD7771 Datasheet(PDF) 47 Page - Analog Devices

Part # AD7771
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771 Datasheet(HTML) 47 Page - Analog Devices

Back Button AD7771 Datasheet HTML 43Page - Analog Devices AD7771 Datasheet HTML 44Page - Analog Devices AD7771 Datasheet HTML 45Page - Analog Devices AD7771 Datasheet HTML 46Page - Analog Devices AD7771 Datasheet HTML 47Page - Analog Devices AD7771 Datasheet HTML 48Page - Analog Devices AD7771 Datasheet HTML 49Page - Analog Devices AD7771 Datasheet HTML 50Page - Analog Devices AD7771 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 99 page
background image
AD7771
Data Sheet
Rev. 0 | Page 46 of 98
SPI SAR Diagnostic Mode (SPI Control Mode)
Setting Bit 5 in the GENERAL_USER_CONFIG_2 register
configures the SDO line to shift out data from the SAR ADC
conversions, as described in Table 22.
In SAR mode, the AD7771 internal registers can be written to,
but any readback command is ignored because the SDO data
frame is dedicated to shift out the conversion results from the
SAR ADC.
To exit this mode of operation, reset Bit 5 in the GENERAL_
USER_CONFIG_2 register.
The data on the SDO line during the SPI transfer contains a
4-bit 0010 header and the 12-bit SAR conversion result if the
CRC is disabled.
When the CRC is enabled, a minimum frame length of 24 SCLK
periods is required on SPI transfers. The 24 bits of data on the
SDO line consist of a 4-bit header (0010), the 12-bit data, and
an 8-bit CRC, as shown in Figure 120.
Per the SPI read/write register mode (see the SPI Read/Write
Register Mode section), the SDI line contains the R/W bit, a 7-bit
register address, the 8-bit data, and an 8-bit CRC (if enabled).
To avoid unwanted writes to the internal register while the SAR
conversions are read back through the SDO line, it is recom-
mended to send a readback command, for example, 0x8000,
to the device, which is ignored because the SDO pin shifts out
the content of the SAR ADC.
If consecutive conversions are performed in the SAR ADC, read
back the result from the previous conversion before a new
conversion is generated. Otherwise, the results are corrupted.
Σ-Δ Data, ADC Mode
In pin control mode, the SPI can be used to read back the Σ-Δ
conversions as described in Table 13. In SPI control mode, the
SPI reads back the Σ-Δ conversions by setting GENERAL_USER_
CONFIG_3, Bit 4, as described in Table 22; in this mode, the
AD7771 internal register can be written to, but any readback
command is ignored because the SDO data frame is dedicated to
shifting out the conversion results from the Σ-Δ ADCs. To
avoid unwanted writes to the internal register, it is recommended
to send a readback command, for example, 0x8000, to the device,
which is ignored because the SDO pin shifts out the content of
the Σ-Δ ADC.
The SDO pin data can be read back in any multiple of 8 bits, for
example, as 64 bits, 2 × 32 bits, 4 × 16 bits, or 8 × 8 bits.
SPI Software Reset
Keeping the SDI pin high during 64 consecutives clocks
generates a software reset.
R/W A6
A5
A4
A3
A2
A1
A0
D6
D7
D5
D4
D3
D2
D1
D0 ICRC7 ICRC6 ICRC5 ICRC4 ICRC3 ICRC2 ICRC1 ICRC0
0
SDO
CS
SCLK
SDI
0
1
0
SAR
11
SAR
10
SAR
9
SAR
8
SAR
6
SAR
7
SAR
5
SAR
4
SAR
3
SAR
2
SAR
1
SAR
0
ICRC7 ICRC6 ICRC5 ICRC4 ICRC3 ICRC2 ICRC1 ICRC0
Figure 120. SAR ADC/Diagnostic Mode—CRC Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com