Electronic Components Datasheet Search
  English  ▼

X  

AD7771 Datasheet(PDF) 57 Page - Analog Devices

Part # AD7771
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771 Datasheet(HTML) 57 Page - Analog Devices

Back Button AD7771 Datasheet HTML 53Page - Analog Devices AD7771 Datasheet HTML 54Page - Analog Devices AD7771 Datasheet HTML 55Page - Analog Devices AD7771 Datasheet HTML 56Page - Analog Devices AD7771 Datasheet HTML 57Page - Analog Devices AD7771 Datasheet HTML 58Page - Analog Devices AD7771 Datasheet HTML 59Page - Analog Devices AD7771 Datasheet HTML 60Page - Analog Devices AD7771 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 99 page
background image
AD7771
Data Sheet
Rev. 0 | Page 56 of 98
Settling Time
The settling time is defined by the contribution of all the internal
stages, the filter delay, and the block calibration.
When using the sinc3 filter option, the filter delay is defined as
3/ODR. In some extreme cases, such as when an external pulse is
applied, this value may increase to 4/ODR. If using the sinc5 filter,
the filter delay is defined as 5/ODR, or 6/ODR for extreme cases.
DATA OUTPUT INTERFACE
The Σ-Δ output data interface is defined by the CONVST_SAR,
FORMAT0, and FORMAT1 pins in pin control mode at power-up.
The FORMATx pins cannot be changed dynamically. Table 14
shows the available options for pin control mode. If the device
is configured in SPI control mode, the SPI_SLAVE_MODE_
EN bit enables the SPI to transmit the Σ-Δ ADC conversion
results, as shown in Table 22.
DOUT3 to DOUT0 Data Interface
Standalone Mode
In standalone mode, the AD7771 interface acts as a master.
There are three different DOUT configurations, configurable
through the FORMATx pins in pin control mode, as shown in
Figure 130 through Figure 132, or via the DOUT_FORMAT bits,
Bits[7:6], in SPI control mode, as described in Table 36.
Figure 133, Figure 134, and Figure 135 show the expected data
outputs for different DOUTx output modes.
Table 36. DOUTx Channels
DOUT_FORMAT Bits/
FORMATx Pins
Number of DOUTx
Lines Enabled
Associated Channels
00
4
DOUT0—Channel 0 and Channel 1
DOUT1—Channel 2 and Channel 3
DOUT2—Channel 4 and Channel 5
DOUT3—Channel 6 and Channel 7
01
2
DOUT0—Channel 0, Channel 1, Channel 2, and Channel 3
DOUT1—Channel 4, Channel 5, Channel 6, and Channel 7
10 or 11
1
DOUT0—Channel 0, Channel 1, Channel 2, Channel 3, Channel 4, Channel 5,
Channel 6, and Channel 7
DOUT0
DOUT1
DOUT2
DOUT3
DCLK
DRDY
FORMAT1
DAISY-CHAINING IS
NOT POSSIBLE IN THIS FORMAT
FORMAT0
AD7771
CH 0
CH 1
CH 0
CH 1
CH 0
CH 1
CH 0
CH 1
DGND
DOUT0: CH 0, CH 1
DOUT1: CH 2, CH 3
DOUT2: CH 4, CH 5
DOUT3: CH 6, CH 7
0
0
00
Figure 130. FORMATx Pin Configuration—FORMAT0 = 0, FORMAT1 = 0
DOUT0
DOUT1
DCLK
DRDY
FORMAT1
IOVDD
DAISY-CHAINING IS
POSSIBLE IN THIS FORMAT
DGND
FORMAT0
CH 0, CH 1, CH 2, CH 3
OUTPUT ON DOUT0
CH 4, CH 5, CH 6, CH 7
OUTPUT ON DOUT1
01
1
0
AD7771
CH 4 CH 5 CH 6 CH 7
CH 0 CH 1 CH 2 CH 3
Figure 131. FORMATx Pin Configuration—FORMAT0 = 1, FORMAT1 = 0
DOUT0
DCLK
DRDY
FORMAT1
IOVDD
DAISY-CHAINING IS
POSSIBLE IN THIS FORMAT
DGND
FORMAT0
CH 0 TO CH 7
OUTPUT ON DOUT0
10
0
1
AD7771
CH 0 CH 1 CH 2 CH 3 CH 4 CH 5 CH 6 CH 7
Figure 132. FORMATx Pin Configuration—FORMAT0 = 0, FORMAT1 = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com