Electronic Components Datasheet Search
  English  ▼

X  

AD7771 Datasheet(PDF) 53 Page - Analog Devices

Part # AD7771
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771 Datasheet(HTML) 53 Page - Analog Devices

Back Button AD7771 Datasheet HTML 49Page - Analog Devices AD7771 Datasheet HTML 50Page - Analog Devices AD7771 Datasheet HTML 51Page - Analog Devices AD7771 Datasheet HTML 52Page - Analog Devices AD7771 Datasheet HTML 53Page - Analog Devices AD7771 Datasheet HTML 54Page - Analog Devices AD7771 Datasheet HTML 55Page - Analog Devices AD7771 Datasheet HTML 56Page - Analog Devices AD7771 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 99 page
background image
AD7771
Data Sheet
Rev. 0 | Page 52 of 98
SAR DRIVER
CONTROL LOGIC
FIFO
ON-CHIP
DIAGNOSTICS
SPI
AUXAIN+
AUXAIN–
AVDD4
AVSS4
CONVST_SAR
MUX
DEGLITCH
SAR ADC
REF
Figure 122. SAR ADC Configuration and Control
Table 31. Σ-Δ Diagnostic
Input
Voltage
Recommended Voltage Reference
Notes/Result
0
Floating
Not applicable
Not applicable
1
Floating
Not applicable
Not applicable
2
280 mV differential signal
Internal/external
PGA gain verification
3
External reference, positive/negative
External
Positive full scale
4
External reference, negative/positive
External
Negative full scale
5
External reference, negative/negative
External
Zero scale
6
Internal reference, positive/negative
Internal
Positive full scale
7
Internal reference, negative/positive
Internal
Negative full scale
8
Internal reference, positive/positive
Internal
Zero scale
9
External reference, positive/positive
External
Zero scale
Σ-Δ ADC DIAGNOSTICS (SPI CONTROL MODE)
The AD7771 Σ-Δ ADC diagnostic functions are accessible
through the SPI. The internal mux placed before the PGA has
different inputs, allowing the user to select a zero-scale, positive
full-scale, or negative full-scale input to the Σ-Δ ADC, which
can be converted to verify the correct operation of the
Σ-Δ ADC channel.
The diagnostic mux control signals are shared across all the Σ-Δ
channels. Depending on the diagnostic selected, connect the
Σ-Δ ADC reference to a different reference source to guarantee
that the conversion is within the measurable range.
There are two different ways to enable the diagnostic mux, as
follows:
•
Setting the CHx_RX bit. This bit enables the input Σ-Δ
mux. The multiplexer inputs are described in Table 31. The
reference used during the conversions are controlled by the
REF_MUX_CTRL bits.
•
Setting CHx_REF_MONITOR. This bit has the same effect
as enabling the CHx_RX bit and selects the VDD1x/
AVSSx supplies as the main reference.
If the AINx± pin is connected to AVSSx, the input range is
outside the range of AVSSx + 100 mV; therefore, results may
differ slightly from the expected value.
Alternatively, the inputs can be used to calibrate gain and offset
errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com