Electronic Components Datasheet Search
  English  ▼

X  

AD7771 Datasheet(PDF) 55 Page - Analog Devices

Part # AD7771
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771 Datasheet(HTML) 55 Page - Analog Devices

Back Button AD7771 Datasheet HTML 51Page - Analog Devices AD7771 Datasheet HTML 52Page - Analog Devices AD7771 Datasheet HTML 53Page - Analog Devices AD7771 Datasheet HTML 54Page - Analog Devices AD7771 Datasheet HTML 55Page - Analog Devices AD7771 Datasheet HTML 56Page - Analog Devices AD7771 Datasheet HTML 57Page - Analog Devices AD7771 Datasheet HTML 58Page - Analog Devices AD7771 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 99 page
background image
AD7771
Data Sheet
Rev. 0 | Page 54 of 98
SAMPLE RATE CONVERTER (SRC) (SPI CONTROL
MODE)
The AD7771 implements a patented featured called the SRC on
each Σ-Δ channel that allows the user to configure the output
data rate or sampling frequency to any desired value, including
noninteger values. The SRC achieves fine resolution control
over the Σ-Δ ADC ODR, up to 15.2 µSPS. In applications where
the ODR must change based on changes in the input signal to
maintain sampling coherency, the SRC provides fine control
over the ODR. For example, to achieve the highest classification
standard, Class A, in power quality applications, coherency
must be maintained for 0.01 Hz changes in the input power
line. Use the SRC to achieve this sampling frequency accuracy.
In pin control mode, the ODR is fixed per the predefined pin
control options. Consequently, a noninteger number cannot be
selected, as shown in Table 13.
To set the ODR, the user must program up to four registers,
depending on the decimation value: two registers to program the
integer value, N (the effective decimation rate), and two registers
to program the decimal value, the interpolation factor (IF).
The integer value registers are SRC_N_MSB, Bits[3:0] and
SRC_N_LSB, Bits[7:0]. The decimal part value registers are
SRC_IF_MSB, Bits[7:0] and SRC_IF_LSB, Bits[7:0].
As an example, if an output data rate of 2.8 kHz is required, the
decimation rate equates to
•
High resolution mode = 2048/2.8 = 731.428
•
Low power mode = 512/2.8 = 182.857
The register values for high resolution mode are as follows:
•
731 (decimal) = 0x2DB
•
SRC_N_MSB, Bits[3:0] = 0x02
•
SRC_N_LSB, Bits[7:0] = 0xDB
•
0.428 (decimal) = 0.428 × 216 = 28049 (decimal) = 0x6D91
•
SRC_IF_MSB, Bits[7:0] = 0x6D
•
SRC_IF_LSB, Bits[7:0] = 0x91
The SRC resolution depends on the decimal number used in the
decimation, as well as the modulator clock (MOD_MCLK), as
follows:
16
2
16
2
1
2
3
2
×
+
×
+
×
=
DEC
DEC
MOD
Resolution
MCLK
where:
MODMCLK is the modulator frequency.
DEC is the decimal portion of the decimation rate.
In high resolution mode, for a decimal decimation of 450, the
resolution is defined as
SPS
10
2
.
15
2
1
450
3
450
2
2048
6
–
16
2
2
16
×
=
×
×
+
×
The ODR can be updated on the fly, but a new ODR is effective
in three conversion cycles of the Σ-Δ ADCs. This condition
guarantees a smooth transition with no conversion results out
of range.
There are two different ways to change the ODR after a new
value is written in the SRC registers: via software or via
hardware, depending on the SRC_LOAD_SOURCE bit
(SRC_UPDATE register, Bit 7).
If the SRC_LOAD_SOURCE bit is clear, the new ODR value is
updated by setting the SRC_LOAD_UPDATE bit to 1. This bit
must be held high for at least two MLCK periods; return the bit
to 0 before attempting another update.
If SRC_LOAD_SOURCE is set, the GPIO0 pin controls the ODR
update externally. Apply a pulse in the GPIO2 pin, which is then
internally synchronized with the external MCLK clock, and the
resultant synchronous signal is output on the GPIO1 pin.
The GPIO1 and GPIO0 pins must be externally connected.
If multiple AD7771 devices must be synchronized, the GPIO1 pin
of one device can be connected to multiple devices. This synchro-
nization method requires the use of a common MCLK signal for all
the AD7771 devices connected, as shown in Figure 125.
GPIO2
GPIO0
GPIO0
GPIO0
MCLK
GPIO1
GPIO2
MCLK
GPIO1
NC
GPIO2
MCLK
GPIO1
NC
AD7771
AD7771
AD7771
SYNCHRONIZATION
LOGIC
PULSE
DIGITAL FILTER
SYNCHRONIZATION
LOGIC
DIGITAL FILTER
SYNCHRONIZATION
LOGIC
DIGITAL FILTER
MCLK
Figure 125. Hardware ODR Update



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com