Electronic Components Datasheet Search
  English  ▼

X  

AD7771 Datasheet(PDF) 43 Page - Analog Devices

Part # AD7771
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771 Datasheet(HTML) 43 Page - Analog Devices

Back Button AD7771 Datasheet HTML 39Page - Analog Devices AD7771 Datasheet HTML 40Page - Analog Devices AD7771 Datasheet HTML 41Page - Analog Devices AD7771 Datasheet HTML 42Page - Analog Devices AD7771 Datasheet HTML 43Page - Analog Devices AD7771 Datasheet HTML 44Page - Analog Devices AD7771 Datasheet HTML 45Page - Analog Devices AD7771 Datasheet HTML 46Page - Analog Devices AD7771 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 99 page
background image
AD7771
Data Sheet
Rev. 0 | Page 42 of 98
SPI CONTROL
The second option for control and monitoring the AD7771 is
via the SPI. This option allows access to the full functionality
on the AD7771, including access to the SAR converter, phase
synchronization, offset and gain adjustment, diagnostics, and
the SRC. To use the SPI control, set the FORMAT0 and
FORMAT1 pins to logic high.
In this mode, the SPI can also read the Σ-Δ conversation data by
setting the SPI_SLAVE_MODE_EN bit.
The typical connection diagram for SPI control mode is shown
in Figure 115.
Functionality Available in SPI Control Mode
SPI control of the AD7771 offers the super set of the functions and
diagnostics. The SPI Control Functionality section describes the
functionality and diagnostics offered when in SPI control mode.
Offset and Gain Correction
Offset and gain registers are available for system calibration.
The gain register is preprogrammed during final production for
a PGA gain of 1, but can be overwritten with a new value if
required.
The gain register is 24 bits long and is split across three registers,
CHx_GAIN_UPPER_BYTE, CHx_GAIN_MID_BYTE, and
CHx_GAIN_LOWER_BYTE, which set the gain on a per
channel basis.
The gain value is relative to 0x555555, which represents a gain of 1.
The offset register is 24 bits long and is spread across three byte
registers, CHx_OFFSET_UPPER_BYTE, CHx_OFFSET_MID_
BYTE, and CHx_OFFSET_LOWER_BYTE. The default value is
0x000000 at power-up. Program the offset as a twos complement,
signed 24-bit number. If the channel gain is set to its nominal
value of 0x555555, an LSB of offset register adjustment changes
the digital output by −4/3 LSBs.
As an example of calibration, the offset measured is −200 LSB
(with both AINx± pins connected to the same potential).
An offset adjustment of −150 LSB changes the digital output by
−150 × (−4/3) = 200 LSBs (gain value = 0x555555), representing
this number as two complement, 0xFFFFFF − 0x96 + 1 =
0xFFFF70. Program the offset register as follows:
•
CHx_OFFSET_UPPER_BYTE = 0xFF
•
CHx_OFFSET_MID_BYTE = 0xFF
•
CHx_OFFSET_LOWER_BYTE = 0x70
Note that the offset compensation is performed before the gain
compensation. The gain is programmed during final testing for
PGAGAIN = 1. The gain register values can be overwritten; however,
after a reset or power cycle, the gain register values revert to the
hard coded programmed factory setting.
If the gain required is 0.75 of the nominal value (0x555555), the
value that must be programmed is
0x555555 × 0.75 = 0x400000
Then, an LSB of the offset register adjustment changes the digital
output by −4/3 × 0.75 = 1 LSB. Program the gain register as follows:
•
CHx_GAIN_UPPER_BYTE = 0x40
•
CHx_GAIN_MID_BYTE = 0x00
•
CHx_GAIN_LOWER_BYTE = 0x00
SPI Control Functionality
Global Control Functions
The following list details the global control functions of the
AD7771:
•
High resolution and low power modes of operation
•
ODR: SRC
•
Sinc3 and sinc5 filters
•
VCM buffer power-down
•
Internal/external reference selection
•
Enable, pre-Q, or bypassed reference buffer modes
•
Internal reference power-down
•
SAR diagnostic mux
•
SAR power-down
•
GPIO write/read
•
SPI SAR conversion readback
•
SPI slave mode—read Σ-Δ results
•
SDO and DOUTx drive strength
•
DOUTx mode
•
DCLK division
•
Internal LDO bypassed
•
Cyclic redundancy check (CRC) protection: enabled or
disabled
Per Channel Functions
The following list details the per channel functions of the
AD7771:
•
PGA gain.
•
Σ-Δ channel power-down.
•
Phase delay: synchronization phase offset per channel.
•
Calibration of offset.
•
Calibration of gain.
•
Σ-Δ input signal mux.
•
Channel error register.
•
PGA gain.
Phase Adjustment
The AD7771 phase delay can be adjusted to compensate for phase
mismatches between channels due to sensors or signal channel
phase errors connected to the AD7771. Achieve phase adjustment
by programming the CHx_SYNC_OFFSET register. This
programming delays the synchronization signal by a certain
number of modulator clocks (MOD_MCLK) to individually
initiate the digital filter for each Σ-Δ ADC.
The phase adjustment register is read during the pulse; conse-
quently, any further changes on the register have no effect unless a
pulse is generated (see the Digital Reset and Synchronization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com