Electronic Components Datasheet Search
  English  ▼

X  

AD7771 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7771
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7771 Datasheet HTML 19Page - Analog Devices AD7771 Datasheet HTML 20Page - Analog Devices AD7771 Datasheet HTML 21Page - Analog Devices AD7771 Datasheet HTML 22Page - Analog Devices AD7771 Datasheet HTML 23Page - Analog Devices AD7771 Datasheet HTML 24Page - Analog Devices AD7771 Datasheet HTML 25Page - Analog Devices AD7771 Datasheet HTML 26Page - Analog Devices AD7771 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 99 page
background image
AD7771
Data Sheet
Rev. 0 | Page 22 of 98
FREQUENCY (Hz)
10
–180
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
TA = 25°C
VREF = 2.5V
VCM = (AVDD1x + AVSSx) ÷ 2
ODR = 128kSPS
INPUT FREQUENCY = 1kHz
0
Figure 38. FFT Plot, High Resolution Mode at 128 kSPS,
Input Frequency (fIN) = 1 kHz, Sinc5 Filter Enabled
–100
–105
–110
–115
–120
–125
–130
INPUT FREQUENCY (Hz)
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
TA = 25°C
GAIN = 1
VREF = 2.5V
VCM = (AVDD1x + AVSSx) ÷ 2
VIN = –0.5dBFS
Figure 39. THD vs. Input Frequency at 64 kSPS, High Resolution Mode,
Sinc5 Filter Enabled
–100
–135
INPUT FREQUENCY (Hz)
–130
–125
–120
–115
–110
–105
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
TA = 25°C
VREF = 2.5V
VIN = –0.5dBFS
Figure 40. THD vs. Input Frequency at 16 kSPS, High Resolution Mode,
Sinc3 Filter Enabled
10
–180
FREQUENCY (Hz)
–170
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
TA = 25°C
VREF = 2.5V
VCM = (AVDD1x + AVSSx) ÷ 2
ODR = 32kSPS
INPUT FREQUENCY = 1kHz
Figure 41. FFT Plot, Low Power Mode at 32 kSPS,
Input Frequency (fIN) = 1 kHz, Sinc5 Filter Enabled
–100
–125
INPUT FREQUENCY (Hz)
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
TA = 25°C
VREF = 2.5V
VIN = –0.5dBFS
–120
–115
–110
–105
Figure 42. THD vs. Input Frequency at 16 kSPS, Low Power Mode,
Sinc5 Filter Enabled
–100
–135
INPUT FREQUENCY (Hz)
–130
–125
–120
–115
–110
–105
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
TA = 25°C
VREF = 2.5V
VIN = –0.5dBFS
Figure 43. THD vs. Input Frequency at 4 kSPS, Low Power Mode,
Sinc3 Filter Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com