Electronic Components Datasheet Search
  English  ▼

X  

AD7771 Datasheet(PDF) 59 Page - Analog Devices

Part # AD7771
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771 Datasheet(HTML) 59 Page - Analog Devices

Back Button AD7771 Datasheet HTML 55Page - Analog Devices AD7771 Datasheet HTML 56Page - Analog Devices AD7771 Datasheet HTML 57Page - Analog Devices AD7771 Datasheet HTML 58Page - Analog Devices AD7771 Datasheet HTML 59Page - Analog Devices AD7771 Datasheet HTML 60Page - Analog Devices AD7771 Datasheet HTML 61Page - Analog Devices AD7771 Datasheet HTML 62Page - Analog Devices AD7771 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 99 page
background image
AD7771
Data Sheet
Rev. 0 | Page 58 of 98
Daisy-Chain Mode
Daisy-chaining devices allows numerous devices to use the
same data interface lines by cascading the outputs of multiple
ADCs from separate AD7771 devices. In daisy-chain configura-
tion, only one device has a direct connection between the
DOUTx interface and the digital host. For the AD7771, daisy-
chain capability is implemented by cascading DOUT0 and DOUT1
through a number of devices, or by just using DOUT0 (the
number of DOUTx pins available depends on the selected
DOUTx mode). The ability to daisy-chain devices and the limit
on the number of devices that can be handled by the chain is
dependent on the selected DOUTx mode and the decimation
rate employed.
When operating in daisy-chain mode, it is required that all
AD7771 devices in the chain are correctly synchronized. See
the Digital Reset and Synchronization Pins section for more
information.
This feature is especially useful for reducing the component
count and wiring connections in, for example, isolated
multiconverter applications or for systems with a limited
interfacing capacity.
For daisy-chain operation, there are two different configurations
possible, as described in Table 37.
Using the FORMATx = 10 mode, DOUT2 acts as an input pin, as
shown in Figure 136. In this case, the DOUT0 pin of the AD7771
devices is cascaded to the DOUT2 pin of the next device in the
chain. Data readback is analogous to clocking a shift register
where data is clocked on the rising edge of DCLK.
Table 37. DOUTx Modes in Daisy-Chain Operation
DOUT_FORMAT Bits/
FORMATx Pins
Number of DOUTx Lines Enabled
Associated Channels
01
2
DOUT0—Channel 0 to Channel 3 and DOUT2
DOUT1—Channel 4 to Channel 7 and DOUT3
DOUT2—input channel
DOUT3—input channel
10
1
DOUT0—Channel 0 to Channel 7 and DOUT2
DOUT2—input channel
U2 S0 CH0 TO CH7
U2 S0 CH0 TO CH7
U1 S0 CH0 TO CH7
0
0
U2 S0 CH0 TO CH7
U1 S0 CH0 TO CH7
0
U2 S1 CH0 TO CH7
U2 S1 CH0 TO CH7
U1 S1 CH0 TO CH7
0
0
U2 S1 CH0 TO CH7
U2 S3 CH0 TO CH7
0
U2 S0 CH0 TO CH7
U2 S0 CH0 TO CH7
U1 S1 CH0 TO CH7
0
U2 DOUT0
U1 DOUT2/DIN0
U1 DOUT0
U2 DOUT2/DIN0
DRDY
DCLK
U2
DOUT2/DIN0
DOUT0
U2
DOUT2/DIN0
DOUT0
Figure 136. Daisy-Chain Connection Mode, FORMAT0 = 1, FORMAT1 = 0 (S0 Means Sample 0 and S1 Means Sample 1); When Connected in Daisy-Chain Mode,
DOUT2 Acts as an Input Pin, Represented by DIN0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com