Electronic Components Datasheet Search
  English  ▼

X  

AD9689 Datasheet(PDF) 119 Page - Analog Devices

Part # AD9689
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689 Datasheet(HTML) 119 Page - Analog Devices

Back Button AD9689 Datasheet HTML 115Page - Analog Devices AD9689 Datasheet HTML 116Page - Analog Devices AD9689 Datasheet HTML 117Page - Analog Devices AD9689 Datasheet HTML 118Page - Analog Devices AD9689 Datasheet HTML 119Page - Analog Devices AD9689 Datasheet HTML 120Page - Analog Devices AD9689 Datasheet HTML 121Page - Analog Devices AD9689 Datasheet HTML 122Page - Analog Devices AD9689 Datasheet HTML 123Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 119 of 134
Addr.
Name
Bit(s) Bit Name
Setting
Description
Reset
Access
0x0563 Out overrange
status
[7:0] Data format
overrange
Overrange sticky bit status (one bit for each virtual converter). Writing
a 1 to the overrange clear bit clears the corresponding overrange
sticky bit.
0x0
R
0
No overrange has occurred.
1
Overrange has occurred.
0x0564 Out channel
select
[7:1] Reserved
Reserved.
0x0
R
0
Converter channel
swap control
0x0
R/W
0
Normal channel ordering.
1
Channel swap enabled.
0x056E PLL control
[7:4] JESD204B lane rate
control
0x3
R/W
0000
Lane rate = 6.75 Gbps to 13.5 Gbps.
0001
Lane rate = 3.375 Gbps to 6.75 Gbps.
0011
Lane rate = 13.5 Gbps to 16 Gbps.
0101
Lane rate = 1.6875 Gbps to 3.375 Gbps.
[3:0] Reserved
Reserved.
0x0
R
0x056F PLL status
7
PLL lock status
0x0
R
0
Not locked.
1
Locked.
[6:4] Reserved
Reserved.
0x0
R
3
PLL loss of lock
Loss of lock sticky bit.
1
Indicate a loss of lock has occurred at some time. Cleared by setting
Register 0x0571, Bit 0.
[2:0] Reserved
Reserved.
0x0570 fS × 4
configuration
[7:0]
See the fS × 4 Mode section.
0xFF
R/W
0xFE
fS × 4 mode enabled. L = 8; M = 2; F = 2; S = 4; N' = 16; N = 16;
CS = 0; CF = 0; HD = 0.
0xFF
fS × 4 mode disabled. L, M, and F set by Register 0x058B, Bits[4:0];
Register 0x58E, Bits[7:0]; and Register 0x058C, Bits[7:0], respectively.
0x0571 JESD204B Link
Control 1
7
Standby mode
0x0
R/W
0
Standby mode forces zeros for all converter samples.
1
Standby mode forces code group synchronization (/K28.5/ characters).
6
Tail bit(t) PN
0x0
R/W
0
Disable.
1
Enable.
5
Long transport layer
test
0x0
R/W
0
JESD204B test samples disabled.
1
JESD204B test samples enabled; long transport layer test sample
sequence (as specified in JESD204B Section 5.1.6.3) sent on all link lanes.
4
Lane synchronization
0x1
R/W
0
Disable FACI uses /K28.7/.
1
Enable FACI uses /K28.3/ and /K28.7/.
[3:2] ILAS sequence mode
0x1
R/W
00
Initial lane alignment sequence disabled (JESD204B Section 5.3.3.5).
01
Initial lane alignment sequence enabled (JESD204B Section 5.3.3.5).
11
Initial lane alignment sequence always in test mode. JESD204B data
link layer test mode where repeated lane alignment sequence (as
specified in JESD204B Section 5.3.3.8.2) sent on all lanes.
1
FACI
0x0
R/W
0
Frame alignment character insertion enabled
(JESD204B Section 5.3.3.4).
1
Frame alignment character insertion disabled. For debug only
(JESD204B Section 5.3.3.4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com