Electronic Components Datasheet Search
  English  ▼

X  

AD9689 Datasheet(PDF) 121 Page - Analog Devices

Part # AD9689
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689 Datasheet(HTML) 121 Page - Analog Devices

Back Button AD9689 Datasheet HTML 117Page - Analog Devices AD9689 Datasheet HTML 118Page - Analog Devices AD9689 Datasheet HTML 119Page - Analog Devices AD9689 Datasheet HTML 120Page - Analog Devices AD9689 Datasheet HTML 121Page - Analog Devices AD9689 Datasheet HTML 122Page - Analog Devices AD9689 Datasheet HTML 123Page - Analog Devices AD9689 Datasheet HTML 124Page - Analog Devices AD9689 Datasheet HTML 125Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 121 of 134
Addr.
Name
Bit(s) Bit Name
Setting
Description
Reset
Access
0x0574 JESD204B Link
Control 4
[7:4] ILAS delay
0x0
R/W
0000
Transmit ILAS on first LMFC after SYNCINB± is deasserted.
0001
Transmit ILAS on second LMFC after SYNCINB± is deasserted.
0010
Transmit ILAS on third LMFC after SYNCINB± is deasserted.
0011
Transmit ILAS on fourth LMFC after SYNCINB± is deasserted.
0100
Transmit ILAS on fifth LMFC after SYNCINB± is deasserted.
0101
Transmit ILAS on sixth LMFC after SYNCINB± is deasserted.
0110
Transmit ILAS on seventh LMFC after SYNCINB± is deasserted.
0111
Transmit ILAS on eighth LMFC after SYNCINB± is deasserted.
1000
Transmit ILAS on ninth LMFC after SYNCINB± is deasserted.
1001
Transmit ILAS on tenth LMFC after SYNCINB± is deasserted.
1010
Transmit ILAS on eleventh LMFC after SYNCINB± is deasserted.
1011
Transmit ILAS on twelfth LMFC after SYNCINB± is deasserted.
1100
Transmit ILAS on thirteenth LMFC after SYNCINB± is deasserted.
1101
Transmit ILAS on fourteenth LMFC after SYNCINB± is deasserted.
1110
Transmit ILAS on fifteenth LMFC after SYNCINB± is deasserted.
1111
Transmit ILAS on sixteenth LMFC after SYNCINB± is deasserted.
3
Reserved
Reserved.
0x0
R
[2:0] Link layer test mode
0x0
R/W
000
Normal operation (link layer test mode disabled).
001
Continuous sequence of /D21.5/ characters.
010
Reserved.
011
Reserved.
100
Modified RPAT test sequence.
101
JSPAT test sequence.
110
JTSPAT test sequence.
111
Reserved.
0x0578 JESD204B
LMFC offset
[7:5] Reserved
Reserved.
0x0
R
[4:0] LMFC phase offset
value
LMFC phase offset value (in frame clocks). Refer to the Deterministic
Latency section.
0x0
R/W
0x0580 JESD204B DID
configuration
[7:0] JESD204B Tx DID
value
JESD204B serial device identification (DID) number.
0x0
R/W
0x0581 JESD204B BID
configuration
[7:4] Reserved
Reserved.
0x0
R
[3:0] JESD204B Tx BID
value
JESD204B serial bank identification (BID) number (extension to DID).
0x0
R/W
0x0583 JESD204B LID0
configuration
[7:5] Reserved
Reserved.
0x0
R
[4:0] Lane 0 LID value
JESD204B serial lane identification (LID) number for Lane 0.
0x0
R/W
0x0584 JESD204B LID1
configuration
[7:5] Reserved
Reserved.
0x0
R
[4:0] Lane 1 LID value
JESD204B serial LID number for Lane 1.
0x1
R/W
0x0585 JESD204B LID2
configuration
[7:5] Reserved
Reserved.
0x0
R
[4:0] Lane 2 LID value
JESD204B serial LID number for Lane 2.
0x2
R/W
0x0586 JESD204B LID3
configuration
[7:5] Reserved
Reserved.
0x0
R
[4:0] Lane 3 LID value
JESD204B serial LID number for Lane 3.
0x3
R/W
0x0587 JESD204B LID4
configuration
[7:5] Reserved
Reserved.
0x0
R
[4:0] Lane 4 LID value
JESD204B serial LID number for Lane 4.
0x4
R/W
0x0588 JESD204B LID5
configuration
[7:5] Reserved
Reserved.
0x0
R
[4:0] Lane 5 LID value
JESD204B serial LID number for Lane 5.
0x5
R/W
0x0589 JESD204B LID6
configuration
[7:5] Reserved
Reserved.
0x0
R
[4:0] Lane 6 LID value
JESD204B serial LID number for Lane 6.
0x6
R/W
0x058A JESD204B LID7
configuration
[7:5] Reserved
Reserved.
0x0
R
[4:0] Lane 7 LID value
JESD204B serial LID number for Lane 7.
0x7
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com