Electronic Components Datasheet Search
  English  ▼

X  

AD9689 Datasheet(PDF) 122 Page - Analog Devices

Part # AD9689
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689 Datasheet(HTML) 122 Page - Analog Devices

Back Button AD9689 Datasheet HTML 118Page - Analog Devices AD9689 Datasheet HTML 119Page - Analog Devices AD9689 Datasheet HTML 120Page - Analog Devices AD9689 Datasheet HTML 121Page - Analog Devices AD9689 Datasheet HTML 122Page - Analog Devices AD9689 Datasheet HTML 123Page - Analog Devices AD9689 Datasheet HTML 124Page - Analog Devices AD9689 Datasheet HTML 125Page - Analog Devices AD9689 Datasheet HTML 126Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 122 of 134
Addr.
Name
Bit(s) Bit Name
Setting
Description
Reset
Access
0x058B JESD204B
scrambling
and number
of lanes (L)
configuration
7
JESD204B scrambling
(SCR)
0x1
R/W
0
JESD204B scrambler disabled (SCR = 0).
1
JESD204B scrambler enabled (SCR = 1).
[6:5] Reserved
Reserved.
0x0
R
[4:0] JESD204B lanes (L)
0x7
R/W
0x0
One lane per link (L = 1).
0x1
Two lanes per link (L = 2).
0x3
Four lanes per link (L = 4).
0x7
Eight lanes per link (L = 8).
0x058C JESD204B link
number of
octets per
frames (F)
[7:0] JESD204B F
configuration
JESD204B number of octets per frame
(F = 0x058C[7:0] + 1)
0x0
R/W
0000
F = 1.
0001
F = 2.
0010
F = 3.
0011
F = 4.
0101
F = 6.
0111
F = 8.
1111
F = 16.
0x058D JESD204B link
number of
frames per
multiframe (K)
[7:5] Reserved
Reserved.
0x0
R
[4:0] JESD204B K
configuration
JESD204B number of frames per multiframe (K = 0x058C[4:0] + 1).
Only values where F × K is divisible by 4 can be used.
0x1F
R/W
0x058E JESD204B link
number of
converters (M)
[7:0] JESD204B M
configuration
JESD204B number of converters per link per device
(M = JESD204B M configuration).
0x1
R/W
000
Link connected to one virtual converter (M = 1).
001
Link connected to two virtual converters (M = 2).
011
Link connected to four virtual converters (M = 4).
111
Link connected to eight virtual converters (M = 8).
0x058F JESD204B
number of
control bits
(CS) and ADC
resolution (N)
[7:6] Number of control
bits (CS) per sample
0x0
R/W
000
No control bits (CS = 0).
001
1 control bit (CS = 1), Control Bit 2 only.
010
2 control bits (CS = 2), Control Bit 2 and Control Bit 1 only.
011
3 control bits (CS = 3), all control bits (Control Bit 2, Control Bit 1, and
Control Bit 0).
5
Reserved
Reserved.
0x0
R
[4:0] ADC converter
resolution (N)
0xF
R/W
00110
N = 7-bit resolution.
00111
N = 8-bit resolution.
01000
N = 9-bit resolution.
01001
N = 10-bit resolution.
01010
N = 11-bit resolution.
01011
N = 12-bit resolution.
01100
N = 13-bit resolution.
01101
N = 14-bit resolution.
01110
N = 15-bit resolution.
01111
N = 16-bit resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com