Electronic Components Datasheet Search
  English  ▼

X  

AD9689 Datasheet(PDF) 130 Page - Analog Devices

Part # AD9689
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689 Datasheet(HTML) 130 Page - Analog Devices

Back Button AD9689 Datasheet HTML 126Page - Analog Devices AD9689 Datasheet HTML 127Page - Analog Devices AD9689 Datasheet HTML 128Page - Analog Devices AD9689 Datasheet HTML 129Page - Analog Devices AD9689 Datasheet HTML 130Page - Analog Devices AD9689 Datasheet HTML 131Page - Analog Devices AD9689 Datasheet HTML 132Page - Analog Devices AD9689 Datasheet HTML 133Page - Analog Devices AD9689 Datasheet HTML 134Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 130 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 130 of 134
VREF/Analog Input Control Registers
Table 53.
Addr.
Name
Bit(s) Bit Name
Setting
Description
Reset Access
0x0701 DC offset
calibration control
(local)
[7:0] DC offset calibration
control
0x06
R/W
0x06
Disable.
0x86
Enable.
0x073B DC Offset
Calibration
Control 2 (local)
[7:0] DC offset calibration
accumulator reset
Synchronously reset dc offset calibration accumulator.
0xB7 R/W
0xB7
Accumulator held in reset (use when 0x0701 = 0x06).
0x37
Accumulator reset released (use when 0x0701 = 0x86).
0x18A6 VREF control
[7:1] Reserved
Reserved.
0x0
R
0
VREF control
0x0
R/W
0
Internal reference.
1
External reference.
0x18E3 External VCM buffer
control
7
Reserved
Reserved.
0x0
R
6
External VCM buffer
0x0
R/W
0
Disable.
1
Enable.
[5:0] External VCM buffer[5:0]
See the Input Common Mode section.
0x0
R/W
0x18E6 Temperature diode
export
[7:0] Temperature diode
location select
0x0
R/W
0x00
Central diode output. VREF pin = high-Z.
0x01
Central diode output. VREF pin = 1× diode voltage output.
0x02
Central diode output. VREF pin = 20× diode voltage output.
0x03
Central diode output. VREF pin = GND.
0x40
Channel A diode output. VREF pin = high-Z.
0x41
Channel A diode output. VREF pin = 1× diode voltage output.
0x42
Channel A diode output. VREF pin = 20× diode voltage output.
0x43
Channel A diode output. VREF pin = GND.
0x50
Channel B diode output VREF pin = high-Z.
0x51
Channel B diode output VREF pin = 1× diode voltage output.
0x52
Channel B diode output VREF pin = 20× diode voltage output.
0x53
Channel B diode output VREF pin = GND.
0x1908 Analog input
control (local)
[7:3] Reserved
Reserved.
0x0
R
2
Enable dc coupling
0x0
R/W
0
Analog input is optimized for ac coupling.
1
Analog input is optimized for dc coupling.
[1:0] Reserved
Reserved.
0x0
R
0x1910 Input full-scale
control (local)
[7:4] Reserved
Reserved.
0x0
R
[3:0] Full-scale voltage
Full-scale voltage setting.
0xD
R/W
1000
1.13 V p-p differential.
1001
1.25 V p-p differential.
1101
1.7 V p-p differential.
1110
1.81 V p-p differential.
1111
1.93 V p-p differential.
0000
2.04 V p-p differential.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com