Electronic Components Datasheet Search
  English  ▼

X  

AD9689 Datasheet(PDF) 134 Page - Analog Devices

Part # AD9689
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689 Datasheet(HTML) 134 Page - Analog Devices

Back Button AD9689 Datasheet HTML 126Page - Analog Devices AD9689 Datasheet HTML 127Page - Analog Devices AD9689 Datasheet HTML 128Page - Analog Devices AD9689 Datasheet HTML 129Page - Analog Devices AD9689 Datasheet HTML 130Page - Analog Devices AD9689 Datasheet HTML 131Page - Analog Devices AD9689 Datasheet HTML 132Page - Analog Devices AD9689 Datasheet HTML 133Page - Analog Devices AD9689 Datasheet HTML 134Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 134 / 134 page
background image
AD9689
Data Sheet
Rev. A | Page 134 of 134
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-275-GGAB-1.
0.80
0.80 REF
0.34 REF
0.71
REF
A
B
C
D
E
F
G
0
1 9
11
4
1 3
1 2
1
1
3 2
4
6 5
7
8
BOTTOM VIEW
10.40 REF
SQ
H
J
K
L
M
N
P
TOP VIEW
COPLANARITY
0.12
0.50
0.45
0.40
BALL DIAMETER
SEATING
PLANE
12.10
12.00 SQ
11.90
A1 BALL
PAD CORNER
A1 BALL
PAD CORNER
1.53
1.42
1.31
11.20 SQ
7.50 SQ
1.19
1.09
0.99
0.38
0.33
0.28
DETAIL A
SIDE VIEW
DETAIL A
Figure 160. 196-Ball Ball Grid Array, Thermally Enhanced [BGA_ED]
12 mm × 12 mm (BP-196-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD9689BBPZ-2000
−40°C to +85°C
196-Ball Ball Grid Array, Thermally Enhanced [BGA_ED]
BP-196-4
AD9689BBPZRL-2000
−40°C to +85°C
196-Ball Ball Grid Array, Thermally Enhanced [BGA_ED]
BP-196-4
AD9689BBPZ-2600
−40°C to +85°C
196-Ball Ball Grid Array, Thermally Enhanced [BGA_ED]
BP-196-4
AD9689BBPZRL-2600
−40°C to +85°C
196-Ball Ball Grid Array, Thermally Enhanced [BGA_ED]
BP-196-4
AD9689-2000EBZ
Evaluation Board
AD9689-2600EBZ
Evaluation Board
1
Z = RoHS Compliant Part.
©2017 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D15550-0-10/17(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com