Electronic Components Datasheet Search
  English  ▼

X  

AD9689 Datasheet(PDF) 131 Page - Analog Devices

Part # AD9689
Description  Dual Analog-to-Digital Converter
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9689 Datasheet(HTML) 131 Page - Analog Devices

Back Button AD9689 Datasheet HTML 126Page - Analog Devices AD9689 Datasheet HTML 127Page - Analog Devices AD9689 Datasheet HTML 128Page - Analog Devices AD9689 Datasheet HTML 129Page - Analog Devices AD9689 Datasheet HTML 130Page - Analog Devices AD9689 Datasheet HTML 131Page - Analog Devices AD9689 Datasheet HTML 132Page - Analog Devices AD9689 Datasheet HTML 133Page - Analog Devices AD9689 Datasheet HTML 134Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 131 / 134 page
background image
Data Sheet
AD9689
Rev. A | Page 131 of 134
Addr.
Name
Bit(s) Bit Name
Setting
Description
Reset Access
0x1A48
High frequency
setting (local)
[7:0]
High frequency setting
0x14
R/W
0x14
First Nyquist operation.
0x54
Second or higher Nyquist operation.
0x1A4C Buffer Control 1
(local)
[7:6]
Reserved
Reserved.
0x0
R
[5:0]
Buffer Control 1
Input Buffer Main Current 1. See the Analog Input Buffer
Controls and SFDR Optimization section.
0x0F
R/W
00 1111
Buffer current set to 300 μA
00 0100
Buffer current set to 400 μA.
00 1001
Buffer current set to 500 μA.
01 1110
Buffer current set to 600 μA.
10 0011
Buffer current set to 700 μA.
10 1000
Buffer current set to 800 μA.
10 1101
Buffer current set to 900 μA.
11 0010
Buffer current set to 1000 μA.
0x1A4D Buffer Control 2
(local)
[7:6]
Reserved
Reserved.
0x0
R
[5:0]
Buffer Control 2
Input Buffer Main Current 2. See the Analog Input Buffer
Controls and SFDR Optimization section.
0x0F
R/W
00 1111
Buffer current set to 300 μA
00 0100
Buffer current set to 400 μA.
00 1001
Buffer current set to 500 μA.
01 1110
Buffer current set to 600 μA.
10 0011
Buffer current set to 700 μA.
10 1000
Buffer current set to 800 μA.
10 1101
Buffer current set to 900 μA.
11 0010
Buffer current set to 1000 μA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com