Electronic Components Datasheet Search
  English  ▼

X  

AD7682 Datasheet(PDF) 35 Page - Analog Devices

Part # AD7682
Description  16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADCs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD7682 Datasheet HTML 27Page - Analog Devices AD7682 Datasheet HTML 28Page - Analog Devices AD7682 Datasheet HTML 29Page - Analog Devices AD7682 Datasheet HTML 30Page - Analog Devices AD7682 Datasheet HTML 31Page - Analog Devices AD7682 Datasheet HTML 32Page - Analog Devices AD7682 Datasheet HTML 33Page - Analog Devices AD7682 Datasheet HTML 34Page - Analog Devices AD7682 Datasheet HTML 35Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 35 page
background image
Data Sheet
AD7682/AD7689
Rev. H | Page 35 of 35
ORDERING GUIDE
Model1, 2
Integral
Nonlinearity
No Missing
Code
Temperature
Range
Package Description
Package
Option
Ordering
Quantity
AD7682BCPZ
±2 LSB max
16 bits
−40°C to +85°C
20-Lead LFCSP
CP-20-10
Tray, 490
AD7682BCPZRL7
±2 LSB max
16 bits
−40°C to +85°C
20-Lead LFCSP
CP-20-10
Reel, 1,500
AD7682BCBZ-RL7
±2 LSB max
16 bits
−40°C to +85°C
20-Ball WLCSP
CB-20-12
Reel, 1,500
AD7689ACPZ
±6 LSB max
15 bits
−40°C to +85°C
20-Lead LFCSP
CP-20-10
Tray, 490
AD7689ACPZRL7
±6 LSB max
15 bits
−40°C to +85°C
20-Lead LFCSP
CP-20-10
Reel, 1,500
AD7689BCPZ
±2 LSB max
16 bits
−40°C to +85°C
20-Lead LFCSP
CP-20-10
Tray, 490
AD7689BCPZRL7
±2 LSB max
16 bits
−40°C to +85°C
20-Lead LFCSP
CP-20-10
Reel, 1,500
AD7689BCBZ-RL7
±2 LSB max
16 bits
−40°C to +85°C
20-Ball WLCSP
CB-20-12
Reel, 1,500
EVAL-AD7682EDZ
Evaluation Board
EVAL-AD7689EDZ
Evaluation Board
EVAL-CED1Z
Converter Evaluation and
Development Board
1
Z = RoHS Complaint Part.
2
The EVAL-CED1Z controller board allows a PC to control and communicate with all Analog Devices evaluation boards whose model numbers end in ED.
©2008–2017 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D07353-0-8/17(H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com