Electronic Components Datasheet Search
  English  ▼

X  

AD7682 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7682
Description  16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADCs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7682 Datasheet HTML 2Page - Analog Devices AD7682 Datasheet HTML 3Page - Analog Devices AD7682 Datasheet HTML 4Page - Analog Devices AD7682 Datasheet HTML 5Page - Analog Devices AD7682 Datasheet HTML 6Page - Analog Devices AD7682 Datasheet HTML 7Page - Analog Devices AD7682 Datasheet HTML 8Page - Analog Devices AD7682 Datasheet HTML 9Page - Analog Devices AD7682 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
AD7682/AD7689
Data Sheet
Rev. H | Page 6 of 35
VDD = 2.3 V to 5.5 V, VIO = 1.8 V to VDD, VREF = VDD, all specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INTERNAL REFERENCE
REF Output Voltage
2.5 V at 25°C
2.490
2.500
2.510
V
4.096 V at 25°C
4.086
4.096
4.106
V
REFIN Output Voltage1
2.5 V at 25°C
1.2
V
4.096 V at 25°C
2.3
V
REF Output Current
±300
µA
Temperature Drift
±10
ppm/°C
Line Regulation
VDD = 5 V ± 5%
±15
ppm/V
Long-Term Drift
1000 hours
50
ppm
Turn-On Settling Time
CREF = 10 µF
5
ms
EXTERNAL REFERENCE
Voltage Range
REF input
0.5
VDD + 0.3
V
REFIN input (buffered)
0.5
VDD − 0.5
V
Current Drain2
250 kSPS, REF = 5 V
50
µA
TEMPERATURE SENSOR
Output Voltage3
25°C
283
mV
Temperature Sensitivity
1
mV/°C
DIGITAL INPUTS
Logic Levels
VIL
−0.3
+0.3 × VIO
V
VIH
0.7 × VIO
VIO + 0.3
V
IIL
−1
+1
µA
IIH
−1
+1
µA
DIGITAL OUTPUTS
Data Format4
Pipeline Delay5
VOL
ISINK = +500 µA
0.4
V
VOH
ISOURCE = −500 µA
VIO − 0.3
V
POWER SUPPLIES
VDD6
Specified performance
2.3
5.5
V
VIO
Specified performance
1.8
VDD + 0.3
V
Standby Current7, 8
VDD and VIO = 5 V at 25°C
50
nA
Power Dissipation
VDD = 2.5 V, 100 SPS throughput
1.7
µW
VDD = 2.5 V, 200 kSPS throughput
3.5
mW
VDD = 5 V, 250 kSPS throughput
12.5
18
mW
VDD = 5 V, 250 kSPS throughput with internal reference
15.5
21
mW
Energy per Conversion
VDD = 5 V
60
nJ
TEMPERATURE RANGE9
Specified Performance
TMIN to TMAX
−40
+85
°C
1
This is the output from the internal band gap.
2
This is an average current and scales with throughput.
3
The output voltage is internal and present on a dedicated multiplexer input.
4
Unipolar mode is serial 16-bit straight binary. Bipolar mode is serial 16-bit twos complement.
5
Conversion results available immediately after completed conversion.
6
The minimum VDD supply must be 3 V when the 2.5 V internal reference is enabled, and 4.5 V when the 4.096 V internal reference is enabled. See Figure 23 for more
information.
7
With all digital inputs forced to VIO or GND as required.
8
During acquisition phase.
9
Contact an Analog Devices, Inc., sales representative for the extended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com