Electronic Components Datasheet Search
  English  ▼

X  

AD7682 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7682
Description  16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADCs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682 Datasheet(HTML) 1 Page - Analog Devices

  AD7682 Datasheet HTML 1Page - Analog Devices AD7682 Datasheet HTML 2Page - Analog Devices AD7682 Datasheet HTML 3Page - Analog Devices AD7682 Datasheet HTML 4Page - Analog Devices AD7682 Datasheet HTML 5Page - Analog Devices AD7682 Datasheet HTML 6Page - Analog Devices AD7682 Datasheet HTML 7Page - Analog Devices AD7682 Datasheet HTML 8Page - Analog Devices AD7682 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
16-Bit, 4-Channel/8-Channel,
250 kSPS PulSAR ADCs
Data Sheet
AD7682/AD7689
Rev. H
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2008–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
16-bit resolution with no missing codes
4-channel (AD7682)/8-channel (AD7689) multiplexer with
choice of inputs
Unipolar single-ended
Differential (GND sense)
Pseudobipolar
Throughput: 250 kSPS
INL: ±0.4 LSB typical, ±1.5 LSB maximum (±23 ppm or FSR)
Dynamic range: 93.8 dB
SINAD: 92.5 dB at 20 kHz
THD: −100 dB at 20 kHz
Analog input range: 0 V to VREF with VREF up to VDD
Multiple reference types
Internal selectable 2.5 V or 4.096 V
External buffered (up to 4.096 V)
External (up to VDD)
Internal temperature sensor (TEMP)
Channel sequencer, selectable 1-pole filter, busy indicator
No pipeline delay, SAR architecture
Single-supply 2.3 V to 5.5 V operation with 1.8 V to 5.5 V
logic interface
Serial interface compatible with SPI, MICROWIRE, QSPI,
and DSP
Power dissipation
3.5 mW at 2.5 V/200 kSPS
12.5 mW at 5 V/250 kSPS
Standby current: 50 nA
Low cost grade available
20-lead 4 mm × 4 mm LFCSP package
20-lead 2.4 mm × 2.4 mm WLCSP package
APPLICATIONS
Multichannel system monitoring
Battery-powered equipment
Medical instruments: ECG/EKG
Mobile communications: GPS
Power line monitoring
Data acquisition
Seismic data acquisition systems
Instrumentation
Process control
FUNCTIONAL BLOCK DIAGRAM
AD7682/AD7689
REF
GND
VDD
VIO
DIN
SCK
SDO
CNV
1.8V
TO
VDD
2.3V TO 5.5V
SEQUENCER
SPI SERIAL
INTERFACE
MUX
16-BIT SAR
ADC
BAND GAP
REF
TEMP
SENSOR
REFIN
IN0
IN1
IN4
IN5
IN6
IN7
IN3
IN2
COM
0.5V TO VDD
10µF
ONE-POLE
LPF
0.5V TO VDD – 0.5V
0.1µF
Figure 1.
GENERAL DESCRIPTION
The AD7682/AD7689 are 4-channel/8-channel, 16-bit, charge
redistribution successive approximation register (SAR) analog-
to-digital converters (ADCs) that operate from a single power
supply, VDD.
The AD7682/AD7689 contain all components for use in a
multichannel, low power data acquisition system, including a
true 16-bit SAR ADC with no missing codes; a 4-channel
(AD7682) or 8-channel (AD7689) low crosstalk multiplexer
that is useful for configuring the inputs as single-ended (with or
without ground sense), differential, or bipolar; an internal low
drift reference (selectable 2.5 V or 4.096 V) and buffer; a
temperature sensor; a selectable one-pole filter; and a sequencer
that is useful when channels are continuously scanned in order.
The AD7682/AD7689 use a simple SPI interface for writing to
the configuration register and receiving conversion results. The
SPI interface uses a separate supply, VIO, which is set to the
host logic level. Power dissipation scales with throughput.
The AD7682/AD7689 are housed in a tiny 20-lead LFCSP and
20-lead WLCSP with operation specified from −40°C to +85°C.
Table 1. Multichannel 14-/16-Bit PulSAR® ADCs
Type
Channels
250 kSPS
500 kSPS
ADC Driver
14-Bit
8
AD7949
ADA4805-1
/
ADA4807-1
16-Bit
4
AD7682
ADA4805-1
/
ADA4807-1
16-Bit
8
AD7689
AD7699
ADA4805-1
/
ADA4807-1


Similar Part No. - AD7682

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7682 AD-AD7682 Datasheet
1Mb / 20P
16-Bit, 8-Channel, 250 kSPS PulSAR짰 ADC.
AD7682 AD-AD7682 Datasheet
826Kb / 28P
16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7682 AD-AD7682 Datasheet
542Kb / 28P
16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
AD7682 AD-AD7682 Datasheet
744Kb / 28P
14-Bit, 8-Channel, 250 kSPS PulSAR ADC
REV. A
AD7682BCPZ AD-AD7682BCPZ Datasheet
826Kb / 28P
16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
More results

Similar Description - AD7682

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7689 AD-AD7689 Datasheet
1Mb / 20P
16-Bit, 8-Channel, 250 kSPS PulSAR짰 ADC.
AD7682 AD-AD7682 Datasheet
826Kb / 28P
16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7699 AD-AD7699 Datasheet
542Kb / 28P
16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
AD7949 AD-AD7949 Datasheet
744Kb / 28P
14-Bit, 8-Channel, 250 kSPS PulSAR ADC
REV. A
AD7949 AD-AD7949_09 Datasheet
548Kb / 32P
14-Bit, 8-Channel, 250 kSPS PulSAR ADC
REV. B
EVAL-AD7689EDZ AD-EVAL-AD7689EDZ Datasheet
1Mb / 32P
16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. D
AD7685 AD-AD7685_15 Datasheet
560Kb / 28P
16-Bit, 250 kSPS PulSAR
REV. D
AD7694 AD-AD7694_15 Datasheet
319Kb / 16P
16-Bit, 250 kSPS PulSAR
REV. B
AD7949 AD-AD7949_17 Datasheet
756Kb / 32P
14-Bit, 8-Channel, 250 kSPS PulSAR ADC
6/2017Rev. E to Rev. F
AD7655 AD-AD7655_17 Datasheet
593Kb / 27P
Low Cost, 4-Channel, 16-Bit, 500 kSPS PulSAR ADC
E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com