Electronic Components Datasheet Search
  English  ▼

X  

AD7682 Datasheet(PDF) 33 Page - Analog Devices

Part # AD7682
Description  16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADCs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD7682 Datasheet HTML 27Page - Analog Devices AD7682 Datasheet HTML 28Page - Analog Devices AD7682 Datasheet HTML 29Page - Analog Devices AD7682 Datasheet HTML 30Page - Analog Devices AD7682 Datasheet HTML 31Page - Analog Devices AD7682 Datasheet HTML 32Page - Analog Devices AD7682 Datasheet HTML 33Page - Analog Devices AD7682 Datasheet HTML 34Page - Analog Devices AD7682 Datasheet HTML 35Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
Data Sheet
AD7682/AD7689
Rev. H | Page 33 of 35
APPLICATIONS INFORMATION
LAYOUT
The printed circuit board (PCB) that houses the AD7682/
AD7689 must be designed so that the analog and digital
sections are separated and confined to certain areas of the
board. The pin configuration of the AD7682/AD7689, with all
its analog signals on the left side and all its digital signals on the
right side, eases this task.
Avoid running digital lines under the device because these
couple noise onto the die unless a ground plane under the
AD7682/AD7689 is used as a shield. Fast switching signals,
such as CNV or clocks, must not run near analog signal
paths. Avoid crossover of digital and analog signals.
Use at least one ground plane. It can be common or split
between the digital and analog sections. In the latter case,
join the planes underneath the AD7682/AD7689.
The AD7682/AD7689 voltage reference input, REF, has a
dynamic input impedance and must be decoupled with minimal
parasitic inductances. This is achieved by placing the reference
decoupling ceramic capacitor close to (ideally, right up against)
the REF and GND pins and connecting them with wide, low
impedance traces.
Finally, the power supplies of the AD7682/AD7689 (VDD and
VIO) must be decoupled with ceramic capacitors, typically
100 nF, placed close to the AD7682/AD7689, and connected
using short, wide traces to provide low impedance paths and to
reduce the effect of glitches on the power supply lines.
The AN-617 Application Note has information on PCB layout
and assembly. This information is particularly important for
guiding customers who do not have experience with WLCSP.
EVALUATING THE AD7682/AD7689 PERFORMANCE
Other recommended layouts for the AD7682/AD7689 are
outlined in the documentation of the evaluation board for the
AD7682/AD7689 (EVAL-AD7682EDZ/EVAL-AD7689EDZ).
The evaluation board package includes a fully assembled and
tested evaluation board, documentation, and software for
controlling the board from a PC via the converter and
evaluation development data capture board, EVAL-CED1Z.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com