Electronic Components Datasheet Search
  English  ▼

X  

AD7682 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7682
Description  16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADCs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7682 Datasheet HTML 6Page - Analog Devices AD7682 Datasheet HTML 7Page - Analog Devices AD7682 Datasheet HTML 8Page - Analog Devices AD7682 Datasheet HTML 9Page - Analog Devices AD7682 Datasheet HTML 10Page - Analog Devices AD7682 Datasheet HTML 11Page - Analog Devices AD7682 Datasheet HTML 12Page - Analog Devices AD7682 Datasheet HTML 13Page - Analog Devices AD7682 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
AD7682/AD7689
Data Sheet
Rev. H | Page 10 of 35
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PAD IS NOT CONNECTED
INTERNALLY. FOR INCREASED
RELIABILITY OF THE SOLDER JOINTS, IT
IS RECOMMENDED THAT THE PAD BE
SOLDERED TO THE SYSTEM
GROUND PLANE.
14
13
12
1
3
4
SDO
15 VIO
SCK
DIN
11 CNV
VDD
REFIN
2
REF
GND
5
GND
AD7682
TOP VIEW
(Not to Scale)
Figure 4. AD7682 LFCSP Pin Configuration
NOTES
1. THE EXPOSED PAD IS NOT CONNECTED
INTERNALLY. FOR INCREASED
RELIABILITY OF THE SOLDER JOINTS, IT
IS RECOMMENDED THAT THE PAD BE
SOLDERED TO THE SYSTEM
GROUND PLANE.
14
13
12
1
3
4
SDO
15 VIO
SCK
DIN
11 CNV
VDD
REFIN
2
REF
GND
5
GND
AD7689
TOP VIEW
(Not to Scale)
Figure 5. AD7689 LFCSP Pin Configuration
Table 7. AD7682 LFCSP and AD7689 LFCSP Pin Function Descriptions
Pin No.
AD7682
LFCSP
Mnemonic
AD7689
LFCSP
Mnemonic
Type1
Description
1, 20
VDD
VDD
P
Power Supply. Nominally 2.5 V to 5.5 V when using an external reference and decoupled
with 10 μF and 100 nF capacitors. When using the internal reference for a 2.5 V output,
the minimum must be 3.0 V. When using the internal reference for 4.096 V output, the
minimum must be 4.6 V.
2
REF
REF
AI/O
Reference Input/Output. See the Voltage Reference Output/Input section. When the
internal reference is enabled, this pin produces a selectable system reference of 2.5 V or
4.096 V. When the internal reference is disabled and the buffer is enabled, REF produces a
buffered version of the voltage present on the REFIN pin (VDD − 0.5 V, maximum), which
is useful when using low cost, low power references. For improved drift performance,
connect a precision reference to REF (0.5 V to VDD). For any reference method, this pin
needs decoupling with an external 10 μF capacitor connected as close to REF as possible.
See the Reference Decoupling section.
3
REFIN
REFIN
AI/O
Internal Reference Output/Reference Buffer Input. See the Voltage Reference
Output/Input section. When using the internal reference, the internal unbuffered
reference voltage is present and requires decoupling with a 0.1 μF capacitor. When using
the internal reference buffer, apply a source between 0.5 V and (VDD − 0.5 V) that is
buffered to the REF pin, as described in the REF pin description.
4, 5
GND
GND
P
Power Supply Ground.
6
NC
IN4
AI
No Connection (AD7682).
Analog Input Channel 4 (AD7689).
7
IN2
IN5
AI
Analog Input Channel 2 (AD7682).
Analog Input Channel 5 (AD7689).
8
NC
IN6
AI
No Connection (AD7682).
Analog Input Channel 6 (AD7689).
9
IN3
IN7
AI
Analog Input Channel 3 (AD7682).
Analog Input Channel 7 (AD7689).
10
COM
COM
AI
Common Channel Input. All input channels, IN[7:0], can be referenced to a common-
mode point of 0 V or VREF/2 V.
11
CNV
CNV
DI
Conversion Input. On the rising edge, CNV initiates the conversion. During conversion, if
CNV is held low, the busy indictor is enabled.
12
DIN
DIN
DI
Data Input. Use this input for writing to the 14-bit configuration register. The
configuration register can be written to during and after conversion.
13
SCK
SCK
DI
Serial Data Clock Input. This input is used to clock out the data on SDO and clock in data
on DIN in an MSB first fashion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com