Electronic Components Datasheet Search
  English  ▼

X  

AD7682 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7682
Description  16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADCs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7682 Datasheet HTML 13Page - Analog Devices AD7682 Datasheet HTML 14Page - Analog Devices AD7682 Datasheet HTML 15Page - Analog Devices AD7682 Datasheet HTML 16Page - Analog Devices AD7682 Datasheet HTML 17Page - Analog Devices AD7682 Datasheet HTML 18Page - Analog Devices AD7682 Datasheet HTML 19Page - Analog Devices AD7682 Datasheet HTML 20Page - Analog Devices AD7682 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
Data Sheet
AD7682/AD7689
Rev. H | Page 17 of 35
TERMINOLOGY
Least Significant Bit (LSB)
The LSB is the smallest increment represented by a converter.
For an ADC with N bits of resolution, the LSB expressed in
volts is
N
REF
V
LSB
2
(V) =
Integral Nonlinearity Error (INL)
INL refers to the deviation of each individual code from a line
drawn from negative full scale through positive full scale. The
point used as negative full scale occurs ½ LSB before the first
code transition. Positive full scale is defined as a level 1½ LSB
beyond the last code transition. The deviation is measured from
the middle of each code to the true straight line (see Figure 27).
Differential Nonlinearity Error (DNL)
In an ideal ADC, code transitions are 1 LSB apart. DNL is the
maximum deviation from this ideal value. It is often specified in
terms of resolution for which no missing codes are guaranteed.
Offset Error
The first transition must occur at a level ½ LSB above analog
ground. The offset error is the deviation of the actual transition
from that point.
Gain Error
The last transition (from 111…10 to 111…11) must occur for
an analog voltage 1½ LSB below the nominal full scale. The gain
error is the deviation in LSB (or percentage of full-scale range)
of the actual level of the last transition from the ideal level after
the offset error is adjusted out. Closely related is the full-scale
error (also in LSB or percentage of full-scale range), which
includes the effects of the offset error.
Aperture Delay
Aperture delay is the measure of the acquisition performance. It
is the time between the rising edge of the CNV input and the
point at which the input signal is held for a conversion.
Transient Response
Transient response is the time required for the ADC to accurately
acquire its input after a full-scale step function is applied.
Dynamic Range
Dynamic range is the ratio of the rms value of the full scale to
the total rms noise measured with the inputs shorted together.
The value for dynamic range is expressed in decibels.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the rms value of the actual input signal to the
rms sum of all other spectral components below the Nyquist
frequency, excluding harmonics and dc. The value for SNR is
expressed in decibels.
Signal-to-(Noise + Distortion) Ratio (SINAD)
SINAD is the ratio of the rms value of the actual input signal to
the rms sum of all other spectral components below the Nyquist
frequency, including harmonics but excluding dc. The value for
SINAD is expressed in decibels.
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of the first five harmonic
components to the rms value of a full-scale input signal and is
expressed in decibels.
Spurious-Free Dynamic Range (SFDR)
SFDR is the difference, in decibels, between the rms amplitude
of the input signal and the peak spurious signal.
Effective Number of Bits (ENOB)
ENOB is a measurement of the resolution with a sine wave
input. It is related to SINAD by the formula
ENOB = (SINADdB − 1.76)/6.02
and is expressed in bits.
Channel-to-Channel Crosstalk
Channel-to-channel crosstalk is a measure of the level of crosstalk
between any two adjacent channels. It is measured by applying a
dc to the channel under test and applying a full-scale, 100 kHz
sine wave signal to the adjacent channel(s). The crosstalk is the
amount of signal that leaks into the test channel, and is expressed
in decibels.
Reference Voltage Temperature Coefficient
Reference voltage temperature coefficient is derived from the
typical shift of output voltage at 25°C on a sample of parts at the
maximum and minimum reference output voltage (VREF) measured
at TMIN, T (25°C), and TMAX. It is expressed in ppm/°C as
6
10
)
–
(
)
(
)
(
–
)
(
)
C
ppm/
(
×
×
°
=
°
MIN
MAX
REF
REF
REF
REF
T
T
C
25
V
Min
V
Max
V
TCV
where:
VREF (Max) = maximum VREF at TMIN, T (25°C), or TMAX.
VREF (Min) = minimum VREF at TMIN, T (25°C), or TMAX.
VREF (25°C) = VREF at 25°C.
TMAX = +85°C.
TMIN = –40°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com