Electronic Components Datasheet Search
  English  ▼

X  

AD7682 Datasheet(PDF) 24 Page - Analog Devices

Part # AD7682
Description  16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADCs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7682 Datasheet HTML 20Page - Analog Devices AD7682 Datasheet HTML 21Page - Analog Devices AD7682 Datasheet HTML 22Page - Analog Devices AD7682 Datasheet HTML 23Page - Analog Devices AD7682 Datasheet HTML 24Page - Analog Devices AD7682 Datasheet HTML 25Page - Analog Devices AD7682 Datasheet HTML 26Page - Analog Devices AD7682 Datasheet HTML 27Page - Analog Devices AD7682 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
AD7682/AD7689
Data Sheet
Rev. H | Page 24 of 35
External Reference and Internal Buffer
For improved drift performance, an external reference can be
used with the internal buffer, as shown in Figure 34. The
external source is connected to REFIN, the input to the on-chip
unity-gain buffer, and the output is produced on the REF pin.
An external reference can be used with the internal buffer with
or without the temperature sensor enabled. Refer to Table 11 for
register details. With the buffer enabled, the gain is unity and is
limited to an input/output of VDD = −0.2 V; however, the
maximum voltage allowable must be ≤(VDD − 0.5 V).
The internal reference buffer is useful in multiconverter
applications because a buffer is typically required in these
applications. In addition, a low power reference can be used
because the internal buffer provides the necessary performance
to drive the SAR architecture of the AD7682/AD7689.
REF
GND
TEMP
AD7682/
AD7689
10µF
100nF
REFIN
REF SOURCE
≤ (VDD – 0.5V)
Figure 34. External Reference Using Internal Buffer
External Reference
In any of the six voltage reference schemes, an external ref-
erence can be connected directly on the REF pin as shown in
Figure 35 because the output impedance of REF is >5 kΩ. To
reduce power consumption, power down the reference and
buffer. Refer to Table 11 for register details. For improved drift
performance, an external reference from the family of devices
that includes the ADR430, ADR431, ADR433, ADR434, and
ADR435, or the family of devices that includes the ADR440,
ADR441, ADR443, ADR444, and ADR445 is recommended.
REF
GND
TEMP
10µF
REFIN
REF SOURCE
0.5V < REF < (VDD + 0.3V)
NO CONNECTION
REQUIRED
AD7682/
AD7689
Figure 35.External Reference
Note that the best SNR is achieved with a 5 V external reference
as the internal reference is limited to 4.096 V. The SNR
degradation is as follows:
5
096
.
4
log
20
=
LOSS
SNR
Reference Decoupling
Whether using an internal or external reference, the AD7682/
AD7689 voltage reference output/input, REF, has a dynamic
input impedance and must be driven by a low impedance source
with efficient decoupling between the REF and GND pins. This
decoupling depends on the choice of the voltage reference but
usually consists of a low ESR capacitor connected to REF and
GND with minimum parasitic inductance. A 10 µF (X5R,
1206 size) ceramic chip capacitor is appropriate when using
the internal reference, a member of the ADR430, ADR431,
ADR433, ADR434, and ADR435 family of external references,
a member of the ADR440, ADR441, ADR443, ADR444, and
ADR445 family of external references, or a low impedance buffer
such as the AD8031 or the AD8605.
The placement of the reference decoupling capacitor is also
important to the performance of the AD7682/AD7689, as
explained in the Layout section. Mount the decoupling capacitor
with a thick PCB trace on the same side as the ADC at the REF pin.
The GND must also connect to the reference decoupling capacitor
with the shortest distance and to the analog ground plane with
several vias.
If desired, smaller reference decoupling capacitor values down
to 2.2 µF can be used with a minimal impact on performance,
especially on DNL.
Regardless, there is no need for an additional lower value ceramic
decoupling capacitor (for example, 100 nF) between the REF
and GND pins.
For applications that use multiple AD7682/AD7689 devices or
other PulSAR devices, it is more effective to use the internal
reference buffer to buffer the external reference voltage, thus
reducing SAR conversion crosstalk.
The voltage reference temperature coefficient (TC) directly
impacts full scale; therefore, in applications where full-scale
accuracy matters, care must be taken with the TC. For instance,
a ±10 ppm/°C TC of the reference changes full scale by
±1 LSB/°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com