| Electronic Components Datasheet Search |
|
AD7682 Datasheet(PDF) 32 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7682 Datasheet(HTML) 32 Page - Analog Devices |
|
32 / 35 page ![]() AD7682/AD7689 Data Sheet Rev. H | Page 32 of 35 READ/WRITE SPANNING CONVERSION WITH A BUSY INDICATOR This mode is used when the AD7682/AD7689 are connected to any host using an SPI, serial port, or FPGA with an interrupt input. The connection diagram is shown in Figure 44, and the corresponding timing is given in Figure 45. For the SPI, the host must use CPHA = CPOL = 1. Reading/writing spanning con- version is shown, which covers all three modes detailed in the Digital Interface section. A rising edge on CNV initiates a conversion, ignores data present on DIN, and forces SDO to high impedance. After the conversion initiates, it continues until completion, irrespective of the state of CNV. CNV must be returned low before the safe data transfer time (tDATA), and then held low beyond the conversion time (tCONV) to generate the busy signal indicator. When the conversion is complete, SDO transitions from high impedance to low (data ready), and with a pull-up to VIO, SDO can be used to interrupt the host to begin data transfer. After the conversion is complete, the AD7682/AD7689 enter the acquisition phase and power-down. The host must enable the MSB of the CFG register at this time (if necessary) to begin the CFG update. While CNV is low, both a CFG update and a data readback take place. The first 14 SCK rising edges are used to update the CFG register, and the first 16 SCK falling edges clock out the conversion results starting with the MSB. The restriction for both configuring and reading is that they both occur before the tDATA time elapses for the next conversion. All 14 bits of CFG[13:0] must be written or they are ignored. If the 16-bit conversion result is not read back before tDATA elapses, it is lost. The SDO data is valid on both SCK edges. Although the rising edge can capture the data, a digital host using the SCK falling edge allows a faster reading rate, provided it has an acceptable hold time. After the optional 17th (or 31st) SCK falling edge, SDO returns to high impedance. If the optional SCK falling edge is not used, the busy feature cannot be detected, as described in the General Timing with a Busy Indicator section. If CFG readback is enabled, the CFG register associated with the conversion result is read back MSB first following the LSB of the conversion result. A total of 31 SCK falling edges is required to return SDO to high impedance if this is enabled. AD7682/ AD7689 MISO MOSI SCK SS SDO VIO FOR SPI USE CPHA = 1, CPOL = 1. SCK CNV DIN DIGITAL HOST IRQ Figure 44. Connection Diagram for the AD7682/AD7689 with a Busy Indicator SCK ACQUISITION (n) ACQUISITION (n + 1) CNV DIN SDO MSB MSB – 1 1 2 BEGIN DATA (n – 1) BEIGN CFG (n + 1) CFG MSB LSB + 1 LSB 15 15 SEE NOTE SEE NOTE NOTES: 1. THE LSB IS FOR CONVERSION RESULTS OR THE CONFIGURATION REGISTER CFG (n – 1) IF 16 SCK FALLING EDGES = LSB OF CONVERSION RESULTS. 30 SCK FALLING EDGES = LSB OF CONFIGURATION REGISTER. ON THE 17TH OR 31st SCK FALLING EDGE, SDO IS DRIVEN TO HIGH IMPENDANCE. OTHERWISE, THE LSB REMAINS ACTIVE UNTIL THE BUSY INDICATOR IS DRIVEN LOW. 16 16 17/ 31 17/ 31 CONVERSION (n) CONVERSION (n – 1) (QUIET TIME) END DATA (n – 2) END DATA (n – 1) END CFG (n + 1) END CFG (n) X X X X X X t DATA UPDATE (n + 1) CFG/SDO LSB + 1 LSB CONVERSION (n – 1) (QUIET TIME) UPDATE (n) CFG/SDO t CYC t ACQ t HDIN t HSDO t DSDO t SDIN t DATA t CONV t CNVH t DIS t DIS t DIS t EN t EN t EN CFG MSB –1 t SCK t SCKH t SCKL Figure 45. Serial Interface Timing for the AD7682/AD7689 with a Busy Indicator |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |