Electronic Components Datasheet Search
  English  ▼

X  

AD7682 Datasheet(PDF) 31 Page - Analog Devices

Part # AD7682
Description  16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADCs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD7682 Datasheet HTML 27Page - Analog Devices AD7682 Datasheet HTML 28Page - Analog Devices AD7682 Datasheet HTML 29Page - Analog Devices AD7682 Datasheet HTML 30Page - Analog Devices AD7682 Datasheet HTML 31Page - Analog Devices AD7682 Datasheet HTML 32Page - Analog Devices AD7682 Datasheet HTML 33Page - Analog Devices AD7682 Datasheet HTML 34Page - Analog Devices AD7682 Datasheet HTML 35Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
Data Sheet
AD7682/AD7689
Rev. H | Page 31 of 35
READ/WRITE SPANNING CONVERSION WITHOUT
A BUSY INDICATOR
This mode is used when the AD7682/AD7689 are connected to
any host using an SPI, serial port, or FPGA. The connection
diagram is shown in Figure 42, and the corresponding timing is
given in Figure 43. For the SPI, the host must use CPHA =
CPOL = 0. Reading/writing spanning conversion is shown,
which covers all three modes detailed in the Digital Interface
section. For this mode, the host must generate the data transfer
based on the conversion time. For an interrupt driven transfer
that uses a busy indicator, refer to the Read/Write Spanning
Conversion with a Busy Indicator section.
A rising edge on CNV initiates a conversion, forces SDO to
high impedance, and ignores data present on DIN. After a
conversion initiates, it continues until completion, irrespective
of the state of CNV. CNV must be returned high before the safe
data transfer time (tDATA), and held high beyond the conversion
time (tCONV) to avoid generation of the busy signal indicator.
After the conversion is complete, the AD7682/AD7689 enter
the acquisition phase and power-down. When the host brings
CNV low after tCONV (maximum), the MSB enables on SDO. The
host also must enable the MSB of the CFG register at this time
(if necessary) to begin the CFG update. While CNV is low, both
a CFG update and a data readback take place. The first 14 SCK
rising edges are used to update the CFG, and the first 15 SCK
falling edges clock out the conversion results starting with
MSB − 1. The restriction for both configuring and reading is
that they both must occur before the tDATA time of the next
conversion elapses. All 14 bits of CFG[13:0] must be written or
they are ignored. In addition, if the 16-bit conversion result is
not read back before tDATA elapses, it is lost.
The SDO data is valid on both SCK edges. Although the rising
edge can capture the data, a digital host using the SCK falling
edge allows a faster reading rate, provided it has an acceptable
hold time. After the 16th (or 30th) SCK falling edge, or when
CNV goes high (whichever occurs first), SDO returns to high
impedance.
If CFG readback is enabled, the CFG register associated with
the conversion result is read back MSB first following the LSB of
the conversion result. A total of 30 SCK falling edges is required
to return SDO to high impedance if this is enabled.
MISO
MOSI
SCK
SS
CNV
FOR SPI USE CPHA = 0, CPOL = 0.
SCK
SDO
DIN
AD7682/
AD7689
DIGITAL HOST
Figure 42. Connection Diagram for the AD7682/AD7689 Without a Busy Indicator
UPDATE (n)
CFG/SDO
UPDATE (n + 1)
CFG/SDO
ACQUISITION (n)
ACQUISITION
(n - 1)
MSB
1
2
BEGIN DATA (n – 1)
BEGIN CFG (n + 1)
CFG
MSB
14
15
SEE NOTE
SEE NOTE
NOTES
1. THE LSB IS FOR CONVERSION RESULTS OR THE CONFIGURATION REGISTER CFG (n – 1) IF
15 SCK FALLING EDGES = LSB OF CONVERSION RESULTS.
29 SCK FALLING EDGES = LSB OF CONFIGURATION REGISTER.
ON THE 16TH OR 30TH SCK FALLING EDGE, SDO IS DRIVEN TO HIGH IMPENDANCE.
16/
30
CONVERSION (n)
END DATA (n – 1)
END CFG (n + 1)
CFG
LSB
X
X
>
t
CONV
LSB
SCK
CNV
DIN
SDO
14
15
16/
30
CONVERSION (n – 1)
END DATA (n – 2)
END CFG (n)
CFG
LSB
X
X
t
CONV
t
DATA
t
CNVH
t
DATA
t
DIS
t
DIS
t
EN
t
DSDO
t
HSDO
t
HDIN
t
SDIN
t
CLSCK
t
EN
t
EN
t
SCK
t
SCKH
t
SCKL
t
DIS
t
DIS
t
CONV
LSB
t
ACQ
t
CYC
(QUIET
TIME)
(QUIET
TIME)
EOC
EOC
RETURN CNV HIGH
FOR NO BUSY
RETURN CNV HIGH
FOR NO BUSY
Figure 43. Serial Interface Timing for the AD7682/AD7689 Without a Busy Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com