Electronic Components Datasheet Search
  English  ▼

X  

AD7682 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7682
Description  16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADCs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7682 Datasheet HTML 11Page - Analog Devices AD7682 Datasheet HTML 12Page - Analog Devices AD7682 Datasheet HTML 13Page - Analog Devices AD7682 Datasheet HTML 14Page - Analog Devices AD7682 Datasheet HTML 15Page - Analog Devices AD7682 Datasheet HTML 16Page - Analog Devices AD7682 Datasheet HTML 17Page - Analog Devices AD7682 Datasheet HTML 18Page - Analog Devices AD7682 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
Data Sheet
AD7682/AD7689
Rev. H | Page 15 of 35
100
95
90
85
80
75
70
65
60
0
50
100
150
200
FREQUENCY (kHz)
VREF = VDD = 5V, –0.5dB
VREF = VDD = 5V, –10dB
VREF = VDD = 2.5V, –0.5dB
VREF = VDD = 2.5V, –10dB
Figure 14. SNR vs. Frequency
96
94
92
90
88
86
84
82
80
17.0
16.5
16.0
15.5
15.0
14.5
14.0
13.5
13.0
1.0
REFERENCE VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SNR @ 2kHz
SINAD @ 2kHz
SNR @ 20kHz
SINAD @ 20kHz
ENOB @ 2kHz
ENOB @ 20kHz
Figure 15. SNR, SINAD, and ENOB vs. Reference Voltage
96
94
92
90
88
86
84
–55
TEMPERATURE (°C)
–35
–15
5
25
45
65
85
105
125
fIN = 20kHz
VREF = VDD = 5V
VREF = VDD = 2.5V
Figure 16. SNR vs. Temperature
100
95
90
85
80
75
70
65
60
0
50
100
150
200
FREQUENCY (kHz)
VREF = VDD = 5V, –0.5dB
VREF = VDD = 5V, –10dB
VREF = VDD = 2.5V, –0.5dB
VREF = VDD = 2.5V, –10dB
Figure 17. SINAD vs. Frequency
130
125
120
115
110
105
100
95
90
85
80
75
70
1.0
–60
–65
–70
–75
–80
–85
–90
–95
–100
–105
–110
–115
–120
REFERENCE VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SFDR = 2kHz
SFDR = 20kHz
THD = 2kHz
THD = 20kHz
Figure 18. SFDR and THD vs. Reference Voltage
–90
–95
–100
–105
–110
–55
TEMPERATURE (°C)
–35
–15
5
25
45
65
85
105
125
fIN = 20kHz
VREF = VDD = 5V
VREF = VDD = 2.5V
Figure 19. THD vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com