Electronic Components Datasheet Search
  English  ▼

X  

AD7682 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7682
Description  16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADCs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7682 Datasheet HTML 16Page - Analog Devices AD7682 Datasheet HTML 17Page - Analog Devices AD7682 Datasheet HTML 18Page - Analog Devices AD7682 Datasheet HTML 19Page - Analog Devices AD7682 Datasheet HTML 20Page - Analog Devices AD7682 Datasheet HTML 21Page - Analog Devices AD7682 Datasheet HTML 22Page - Analog Devices AD7682 Datasheet HTML 23Page - Analog Devices AD7682 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
AD7682/AD7689
Data Sheet
Rev. H | Page 20 of 35
TYPICAL CONNECTION DIAGRAMS
AD7689
REF
GND
VDD
VIO
DIN
MOSI
MISO
SS
SCK
SCK
SDO
CNV
100nF
100nF
5V
10µF2
V+
V–
1.8V TO VDD
0V TO VREF
0V TO VREF
V+
V–
1. INTERNAL REFERENCE SHOWN. SEE VOLTAGE REFERENCE OUTPUT/INPUT SECTION FOR
REFERENCE SELECTION.
NOTES
2. CREF IS USUALLY A 10µF CERAMIC CAPACITOR (X5R).
3. SEE THE DRIVER AMPLIFIER CHOICE SECTION FOR ADDITIONAL RECOMMENDED AMPLIFIERS.
4. SEE THE DIGITAL INTERFACE SECTION FOR CONFIGURING AND READING CONVERSION DATA.
IN0
IN[7:1]
COM
REFIN
100nF
0V OR
VREF/2
ADA4805-1/
ADA4807-1 3
ADA4805-1/
ADA4807-1 3
Figure 28. Typical Application Diagram with Multiple Supplies
REF
GND
VDD
VIO
DIN
MOSI
MISO
SS
SCK
SCK
SDO
CNV
100nF
100nF
+5V
10µF2
V+
V–
V–
1.8V TO VDD
V+
NOTES
1. INTERNAL REFERENCE SHOWN. SEE VOLTAGE REFERENCE OUTPUT/INPUT SECTION FOR
REFERENCE SELECTION.
2. CREF IS USUALLY A 10µF CERAMIC CAPACITOR (X5R).
3. SEE THE DRIVER AMPLIFIER CHOICE SECTION FOR ADDITIONAL RECOMMENDED AMPLIFIERS.
4. SEE THE DIGITAL INTERFACE SECTION FOR CONFIGURING AND READING CONVERSION DATA.
IN0
IN[7:1]
COM
REFIN
100nF
VREF/2
VREF p-p
ADA4805-1/
ADA4807-1 3
ADA4805-1/
ADA4807-1 3
AD7689
Figure 29. Typical Application Diagram Using Bipolar Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com