Electronic Components Datasheet Search
  English  ▼

X  

AD7682 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7682
Description  16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADCs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7682 Datasheet HTML 14Page - Analog Devices AD7682 Datasheet HTML 15Page - Analog Devices AD7682 Datasheet HTML 16Page - Analog Devices AD7682 Datasheet HTML 17Page - Analog Devices AD7682 Datasheet HTML 18Page - Analog Devices AD7682 Datasheet HTML 19Page - Analog Devices AD7682 Datasheet HTML 20Page - Analog Devices AD7682 Datasheet HTML 21Page - Analog Devices AD7682 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
AD7682/AD7689
Data Sheet
Rev. H | Page 18 of 35
THEORY OF OPERATION
SW+
MSB
16,384C
INx+
LSB
COMP
CONTROL
LOGIC
SWITCHES CONTROL
BUSY
OUTPUT CODE
CNV
REF
GND
INx– OR
COM
4C
2C
C
C
32,768C
SW–
MSB
16,384C
LSB
4C
2C
C
C
32,768C
Figure 26. ADC Simplified Schematic
OVERVIEW
The AD7682/AD7689 are 4-channel/8-channel, 16-bit, charge
redistribution SAR ADCs. These devices are capable of
converting 250,000 samples per second (250 kSPS) and power
down between conversions. For example, when operating with
an external reference at 1 kSPS, they consume 17 µW typically,
ideal for battery-powered applications.
The AD7682/AD7689 contain all of the components for use in a
multichannel, low power data acquisition system, including
•
16-bit SAR ADC with no missing codes
•
4-channel/8-channel, low crosstalk multiplexer
•
Internal low drift reference and buffer
•
Temperature sensor
•
Selectable one-pole filter
•
Channel sequencer
These components are configured through an SPI-compatible,
14-bit register. Conversion results, also SPI compatible, can be
read after or during conversions with the option for reading
back the configuration associated with the conversion.
The AD7682/AD7689 provide the user with an on-chip track-
and-hold and do not exhibit pipeline delay or latency.
The AD7682/AD7689 are specified from 2.3 V to 5.5 V and can
be interfaced to any 1.8 V to 5 V digital logic family. They are
housed in a 20-lead, 4 mm × 4 mm LFCSP and a 20-lead,
2.4 mm × 2.4 mm WLCSP that combine space savings and
allow flexible configurations. They are pin-for-pin compatible
with the 16-bit AD7699 and 14-bit AD7949.
CONVERTER OPERATION
The AD7682/AD7689 are successive approximation ADCs
based on a charge redistribution DAC. Figure 26 shows the
simplified schematic of the ADC. The capacitive DAC consists
of two identical arrays of 16 binary weighted capacitors, which
are connected to the two comparator inputs.
During the acquisition phase, terminals of the array tied to the
comparator input are connected to GND via SW+ and SW−. All
independent switches are connected to the analog inputs.
The capacitor arrays are used as sampling capacitors and
acquire the analog signal on the INx+ and INx− (or COM)
inputs. When the acquisition phase is complete and the CNV
input goes high, a conversion phase is initiated. When the
conversion phase begins, SW+ and SW− open first. The two
capacitor arrays are then disconnected from the inputs and
connected to the GND input. Therefore, the differential voltage
between the INx+ and INx− (or COM) inputs captured at the
end of the acquisition phase applies to the comparator inputs,
causing the comparator to become unbalanced. By switching
each element of the capacitor array between GND and REF, the
comparator input varies by binary weighted voltage steps
(VREF/2, VREF/4...VREF/32,768). The control logic toggles these
switches, starting with the MSB, to bring the comparator back
into a balanced condition. After the completion of this process,
the device returns to the acquisition phase, and the control logic
generates the ADC output code and a busy signal indicator.
Because the AD7682/AD7689 have an on-board conversion
clock, the serial clock, SCK, is not required for the conversion
process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com