| Electronic Components Datasheet Search |
|
AD7682 Datasheet(PDF) 28 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7682 Datasheet(HTML) 28 Page - Analog Devices |
|
28 / 35 page ![]() AD7682/AD7689 Data Sheet Rev. H | Page 28 of 35 GENERAL TIMING WITHOUT A BUSY INDICATOR Figure 39 details the timing for all three modes: read/write during conversion (RDC), read/write after conversion (RAC), and read/write spanning conversion (RSC). Note that the gating item for both CFG and data readback is at the end of conversion (EOC). At EOC, if CNV is high, the busy indicator is disabled. As detailed in the Digital Interface section, the data access must occur up to safe data reading/writing time, tDATA. If the full CFG word is not written to prior to EOC, it is discarded and the current configuration remains. If the conversion result is not read out fully prior to EOC, it is lost as the ADC updates SDO with the MSB of the current conversion. For detailed timing, refer to Figure 42 and Figure 43, which depict reading/writing spanning conversion with all timing details, including setup, hold, and SCK. When CNV is brought low after EOC, SDO is driven from high impedance to the MSB. Falling SCK edges clock out bits starting with MSB − 1. The SCK can idle high or low depending on the clock polarity (CPOL) and clock phase (CPHA) settings if SPI is used. A simple solution is to use CPOL = CPHA = 0 as shown in Figure 39 with SCK idling low. From power-up, in any read/write mode, the first three conver- sion results are undefined because a valid CFG does not take place until the second EOC; therefore, two dummy conversions are required. If the state machine writes the CFG during the power-up state (RDC shown), the CFG register must be rewritten at the next phase. The first valid data occurs in phase (n + 1) when the CFG register is written during phase (n − 1). ACQUISITION (n – 1) UNDEFINED ACQUISITION (n) ACQUISITION (n + 1) ACQUISITION (n + 2) PHASE POWER UP EOC EOC SOC EOC EOC CONVERSION (n – 1) UNDEFINED CONVERSION (n) CONVERSION (n + 1) CONVERSION (n – 2) UNDEFINED tCONV tCYC tDATA CNV CNV CNV DIN SDO XXX MSB XXX MSB XXX NOTES 1. CNV MUST BE HIGH PRIOR TO THE END OF CONVERSION (EOC) TO AVOID THE BUSY INDICATOR. 2. A TOTAL OF 16 SCK FALLING EDGES ARE REQUIRED TO RETURN SDO TO HIGH-Z. IF CFG READBACK IS ENABLED, A TOTAL OF 30 SCK FALLING EDGES IS REQUIRED TO RETURN SDO TO HIGH-Z. DATA (n) DATA (n – 1) XXX DATA (n – 1) XXX DATA (n – 1) XXX DATA (n – 1) XXX DATA (n – 2) XXX DATA (n – 2) XXX DATA (n – 2) XXX DATA (n – 2) XXX DATA (n – 3) XXX DIN SDO DATA (n + 1) DATA (n) DATA (n) DATA (n) DATA (n + 1) DIN CFG (n) CFG (n) CFG (n + 2) CFG (n + 2) CFG (n + 1) CFG (n + 1) CFG (n + 3) SDO SCK 1 16 16 16 16 NOTE 2 NOTE 2 1 1 1 SCK 1 16 16 16 n n n n n + 1 n + 1 n + 1 1 1 SCK 1 1 1 16 16 16 1 1 CFG (n) CFG (n + 1) CFG (n + 2) RDC RAC RSC CFG (n) CFG (n + 1) CFG (n + 2) CFG (n + 3) NOTE 2 NOTE 1 NOTE 1 NOTE 1 Figure 39. General Interface Timing for the AD7682/AD7689 Without a Busy Indicator |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |