Electronic Components Datasheet Search
  English  ▼

X  

AD7682 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7682
Description  16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADCs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7682 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7682 Datasheet HTML 3Page - Analog Devices AD7682 Datasheet HTML 4Page - Analog Devices AD7682 Datasheet HTML 5Page - Analog Devices AD7682 Datasheet HTML 6Page - Analog Devices AD7682 Datasheet HTML 7Page - Analog Devices AD7682 Datasheet HTML 8Page - Analog Devices AD7682 Datasheet HTML 9Page - Analog Devices AD7682 Datasheet HTML 10Page - Analog Devices AD7682 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Data Sheet
AD7682/AD7689
Rev. H | Page 7 of 35
TIMING SPECIFICATIONS
VDD = 4.5 V to 5.5 V, VIO = 1.8 V to VDD, all specifications TMIN to TMAX, unless otherwise noted.
Table 4.
Parameter1
Symbol
Min
Typ
Max
Unit
CONVERSION TIME
CNV Rising Edge to Data Available
tCONV
2.2
µs
ACQUISITION TIME
tACQ
1.8
µs
TIME BETWEEN CONVERSIONS
tCYC
4.0
µs
DATA WRITE/READ DURING CONVERSION
tDATA
1.2
µs
SCK
Period
tSCK
tDSDO + 2
ns
Low Time
tSCKL
11
ns
High Time
tSCKH
11
ns
Falling Edge to Data Remains Valid
tHSDO
4
ns
Falling Edge to Data Valid Delay
tDSDO
VIO Above 2.7 V
18
ns
VIO Above 2.3 V
23
ns
VIO Above 1.8 V
28
ns
CNV
Pulse Width
tCNVH
10
ns
Low to SDO D15 MSB Valid
tEN
VIO Above 2.7 V
18
ns
VIO Above 2.3 V
22
ns
VIO Above 1.8 V
25
ns
High or Last SCK Falling Edge to SDO High Impedance
tDIS
32
ns
Low to SCK Rising Edge
tCLSCK
10
ns
DIN
Valid Setup Time from SCK Rising Edge
tSDIN
5
ns
Valid Hold Time from SCK Rising Edge
tHDIN
5
ns
1
See Figure 2 and Figure 3 for load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com